Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

160153K1000F-F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 160153K1000F-F
Description  Metallized Polyester Radial Lead Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

160153K1000F-F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  160153K1000F-F Datasheet HTML 1Page - List of Unclassifed Manufacturers 160153K1000F-F Datasheet HTML 2Page - List of Unclassifed Manufacturers 160153K1000F-F Datasheet HTML 3Page - List of Unclassifed Manufacturers 160153K1000F-F Datasheet HTML 4Page - List of Unclassifed Manufacturers 160153K1000F-F Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type 160 Metallized Polyester Radial Lead Capacitors
RoHS Compliant
Cap
(µF)
Catalog
Part Number
Inches
Millimeters
L
T
H
S
Ød
L
T
H
S
Ød
630 Vac / 220 Vac
.068
.068
.082
160683*630H–F
160683*630L–F
160823*630L–F
0.709
1.043
1.043
0.295
0.236
0.236
0.531
0.591
0.591
0.591
0.886
0.886
0.031
0.031
0.031
18.0
26.5
26.5
7.5
6.0
6.0
13.5
15.0
15.0
15.0
22.5
22.5
0.8
0.8
0.8
.10
160104*630L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.12
160124*630M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.15
160154*630M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.18
160184*630N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.22
160224*630N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.27
160274*630Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
.33
160334*630P–F
1.26
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
.39
160394*630P–F
1.26
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
.47
160474*630Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
1000 Vdc / 250 Vac
.0022
.0027
.0033
160222*1000C–F
160272*1000C–F
160332*1000C–F
0.512
0.512
0.512
0.157
0.157
0.157
0.374
0.374
0.374
0.394
0.394
0.394
0.031
0.031
0.031
13.0
13.0
13.0
4.0
4.0
4.0
9.5
9.5
9.5
10.0
10.0
10.0
0.8
0.8
0.8
.0039
160392*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0047
160472*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0056
160562*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0068
160682*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.0082
160822*1000D–F
0.512
0.197
0.433
0.394
0.031
13.0
5.0
11.0
10.0
0.8
.010
160103*1000F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.012
160123*1000F–F
0.709
0.197
0.433
0.591
0.031
18.0
5.0
11.0
15.0
0.8
.015
160153*1000F–F
0.709
0.197
0.433
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.018
160183*1000G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.022
160223*1000G–F
0.709
0.236
0.472
0.591
0.031
18.0
6.0
12.0
15.0
0.8
.027
160273*1000H–F
0.709
0.295
0.531
0.591
0.031
18.0
7.5
13.5
15.0
0.8
.033
160333*1000L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.039
160393*1000L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.047
160473*1000L–F
1.043
0.236
0.591
0.886
0.031
26.5
6.0
15.0
22.5
0.8
.056
160563*1000M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.068
160683*1000M–F
1.043
0.276
0.630
0.886
0.031
26.5
7.0
16.5
22.5
0.8
.082
160823*1000N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.10
160104*1000N–F
1.043
0.335
0.669
0.886
0.031
26.5
8.5
17.0
22.5
0.8
.12
160124*1000O–F
1.043
0.394
0.748
0.886
0.031
26.5
10.0
19.0
22.5
0.8
.15
160154*1000P–F
1.26
0.433
0.787
1.083
0.031
32.0
11.0
20.0
27.5
0.8
.18
160184*1000Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
.22
160224*1000Q–F
1.26
0.512
0.886
1.083
0.031
32.0
13.0
22.5
27.5
0.8
* Indicates capacitance tolerance: J = ±5%, K = ±10%, M = ±20%
Part Numbering System
160
104
K
100
C
Case
Series
Capacitance
Tolerance
Voltage
Code
160
392 = .0039 µF
J = ±5%
100 = 100 Vdc
C
103 = .01 µF
K = ±10%
250 = 250 Vdc
D
104 = .1 µF
M = ±20%
630 = 630 Vdc
E
105 = 1.0 µF
1000 = 1000 Vdc
F
etc.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - 160153K1000F-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
160153K1000F-F CDE-160153K1000F-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
More results

Similar Description - 160153K1000F-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16810450A-F ETC2-16810450A-F Datasheet
584Kb / 4P
   Metallized Polyester Radial Lead Capacitors
logo
Cornell Dubilier Electr...
160224J63C-F CDE-160224J63C-F Datasheet
779Kb / 5P
   Type 160 Metallized Polyester Radial Lead Capacitors
168104J50A-F CDE-168104J50A-F Datasheet
584Kb / 4P
   Type 168/185 Metallized Polyester Radial Lead Capacitors
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K Datasheet
380Kb / 3P
   Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
logo
Cornell Dubilier Electr...
167683J63A-F CDE-167683J63A-F Datasheet
373Kb / 4P
   Type 167/184 Metallized Polyester Radial Lead Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
DMMAAS47K-F CDE-DMMAAS47K-F Datasheet
184Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
DME1P56K-F CDE-DME1P56K-F Datasheet
210Kb / 4P
   Polyester Film Capacitors Metallized Radial Leads
logo
Illinois Capacitor, Inc...
103MSR400K ILLINOISCAPACITOR-103MSR400K_13 Datasheet
238Kb / 2P
   Radial leaded metallized polyester film capacitors
logo
Cornell Dubilier Electr...
DMM1P15K-F CDE-DMM1P15K-F Datasheet
205Kb / 2P
   Polyester Film Capacitors Metallized Radial Leads
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com