Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2100A-03P Datasheet(PDF) 3 Page - Anaren Microwave

Part # XC2100A-03P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100A-03P Datasheet(HTML) 3 Page - Anaren Microwave

  XC2100A-03P Datasheet HTML 1Page - Anaren Microwave XC2100A-03P Datasheet HTML 2Page - Anaren Microwave XC2100A-03P Datasheet HTML 3Page - Anaren Microwave XC2100A-03P Datasheet HTML 4Page - Anaren Microwave XC2100A-03P Datasheet HTML 5Page - Anaren Microwave XC2100A-03P Datasheet HTML 6Page - Anaren Microwave XC2100A-03P Datasheet HTML 7Page - Anaren Microwave XC2100A-03P Datasheet HTML 8Page - Anaren Microwave XC2100A-03P Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC0450A-03
Rev B
Insertion Loss and Power Derating Curves
-50
0
50
100
150
200
250
300
-0.5
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
-0.15
Temperature of the Part ( °C)
Typical Insertion Loss Derating Curve for XC0450A-03
typical insertion loss(f=480Mhz)
0
25
50
75
100
125
150
175
200
225
0
10
20
30
40
50
60
70
80
Base Plate Temperature (°C)
Power Derating Curve for XC0450E-03
power handling (f=480MHz)
Insertion Loss Derating:
The insertion loss, at a given frequency, of a group of
couplers is measured at 25
°C and then averaged. The
measurements are performed under small signal
conditions (i.e. using a Vector Network Analyzer). The
process is repeated at -55
°C and 95°C. Based on
copper as well as dielectric losses, the insertion loss is
computed from -55
°C to 300°C.
Power Derating:
The power handling and corresponding power derating
plots are a function of the thermal resistance, mounting
surface
temperature
(base
plate
temperature),
maximum continuous operating temperature of the
coupler, and the thermal insertion loss. The thermal
insertion loss is defined in the Power Handling section of
the data sheet.
As the mounting interface temperature approaches the
maximum continuous operating temperature, the power
handling decreases to zero.


Similar Part No. - XC2100A-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100A-03P ANAREN-XC2100A-03P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC2100A-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com