Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALO30G48S Datasheet(PDF) 7 Page - Astec America, Inc

Part # ALO30G48S
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO30G48S Datasheet(HTML) 7 Page - Astec America, Inc

Back Button ALO30G48S Datasheet HTML 3Page - Astec America, Inc ALO30G48S Datasheet HTML 4Page - Astec America, Inc ALO30G48S Datasheet HTML 5Page - Astec America, Inc ALO30G48S Datasheet HTML 6Page - Astec America, Inc ALO30G48S Datasheet HTML 7Page - Astec America, Inc ALO30G48S Datasheet HTML 8Page - Astec America, Inc ALO30G48S Datasheet HTML 9Page - Astec America, Inc ALO30G48S Datasheet HTML 10Page - Astec America, Inc ALO30G48S Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 7 OF 30
JUNE 24, 2005 - REVISION B
Figure 4. External resistor configuration to decrease the o/p.
Figure 3. External resistor configuration to increase the o/p.
Basic Operation and Features
INPUT UNDER VOLTAGE LOCKOUT
To prevent any instability to the converter, which may affect the end system, the converter have been designed to turn-on once VIN
is in the voltage range of 33-36 VDC. Likewise, it has also been programmed to turn-off when VIN drops down to 31-34 VDC.
OUTPUT VOLTAGE ADJUST/TRIM
The converter comes with a TRIM pin (PIN 6), which is used to adjust the output by as much as 90% to 110% of its set point. This
is achieved by connecting an external resistor as described below.
To INCREASE the output, external Radj_up resistor should be
connected between TRIM PIN (Pin6) and +SENSE PIN (Pin 7).
Please refer to Equation (1) for the required external resistance
and output adjust relationship.
Equation (1a): 1.5V to 12V
Equation (1b): 1.2V
To DECREASE the output, external Radj_down resistor should be
connected between TRIM pin (Pin 6) and
-SENSE PIN (Pin 5). Please refer to Equation (2) for the
required external resistance and output adjust relationship.
Equation (2):
Where:
∆% = percent change in output voltage
OUTPUT ENABLE
The converter comes with an Enable pin (PIN 2), which is primarily used to turn ON/OFF the converter. Both a Positive (no “N”
suffix required) and a Negative (suffix “N” required) Enable Logic options are being offered. Please refer to Table 2 for the Part
Numbering Scheme.
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns unit on when the
Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
Radj_down
510
∆%
10.2


k
Radj_up
5.1
Voset
×
100
∆%
+
(
)
×
0.6
∆%
×
510
∆%
10.2
=
ΚΩ
Radj_up
5.1
Voset
×
100
∆%
+
(
)
×
1.225
∆%
×
510
∆%
10.2
=
ΚΩ


Similar Part No. - ALO30G48S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO30G48 EMERSON-NETWORKPOWER-ALO30G48 Datasheet
1Mb / 4P
   66/120 Watts
ALO30G48-6 EMERSON-NETWORKPOWER-ALO30G48-6 Datasheet
1Mb / 4P
   66/120 Watts
ALO30G48-6L EMERSON-NETWORKPOWER-ALO30G48-6L Datasheet
1Mb / 4P
   66/120 Watts
ALO30G48-L EMERSON-NETWORKPOWER-ALO30G48-L Datasheet
1Mb / 4P
   66/120 Watts
ALO30G48-S EMERSON-NETWORKPOWER-ALO30G48-S Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - ALO30G48S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com