Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3A60 Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # T3A60
Description  3.0A Standard Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

T3A60 Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  T3A60 Datasheet HTML 1Page - TAITRON Components Incorporated T3A60 Datasheet HTML 2Page - TAITRON Components Incorporated T3A60 Datasheet HTML 3Page - TAITRON Components Incorporated T3A60 Datasheet HTML 4Page - TAITRON Components Incorporated T3A60 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.0A Standard Rectifier
T3A05 – T3A100
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 5 of 5
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - T3A60

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
T3A60G TAITRON-T3A60G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
More results

Similar Description - T3A60

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5400 TAITRON-1N5400 Datasheet
171Kb / 5P
   3.0A STANDARD RECTIFIER
logo
Won-Top Electronics
1N5400 WTE-1N5400_06 Datasheet
48Kb / 4P
   3.0A STANDARD DIODE
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
   3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
   3.0A RECTIFIER
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
   3.0A RECTIFIER
DS28007 Rev. E-2
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
New Jersey Semi-Conduct...
1N5400 NJSEMI-1N5400 Datasheet
86Kb / 1P
   3.0A RECTIFIER
logo
Diodes Incorporated
1N5400 DIODES-1N5400_14 Datasheet
102Kb / 3P
   3.0A RECTIFIER
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813_12 Datasheet
410Kb / 6P
   30V, 3.0A Rectifier
logo
Won-Top Electronics
1N5400 WTE-1N5400 Datasheet
39Kb / 3P
   3.0A SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com