Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB60NE03L-10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB60NE03L-10
Description  N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB60NE03L-10 Datasheet(HTML) 2 Page - STMicroelectronics

  STB60NE03L-10 Datasheet HTML 1Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 2Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 3Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 4Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 5Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 6Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 7Page - STMicroelectronics STB60NE03L-10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
Rthj-ca se
Rthj -am b
Rthc-si nk
Tl
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
1.25
62.5
0.5
300
oC/W
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max,
δ <1%)
60
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =20 V)
600
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID =250
µAVGS =0
30
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 15 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate Threshold
Voltage
VDS =VGS
ID =250
µA
11.7
2.5
V
RDS( on)
St atic Drain-source On
Resistance
VGS =10V
ID =30 A
VGS =5V
ID =30 A
0.007
0.01
0.015
ID(o n)
On St ate Drain Current
VDS >ID(on) xRDS(on) max
VGS =10 V
60
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconduct ance
VDS >ID(on) xRDS(on)max
ID =30 A
25
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
4000
1000
320
5400
1350
450
pF
pF
pF
STB60NE03L-10
2/8


Similar Part No. - STB60NE03L-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE03L-12 STMICROELECTRONICS-STB60NE03L-12 Datasheet
51Kb / 5P
   N - CHANNEL 30V - 0.009 OHM - 60A - D2PAK SINGLE FEATURE SIZE POWER MOSFET
More results

Similar Description - STB60NE03L-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06-16 STMICROELECTRONICS-STB60NE06-16 Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STP16NE06L STMICROELECTRONICS-STP16NE06L Datasheet
70Kb / 7P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE] POWER MOSFET
STB80NE06-10 STMICROELECTRONICS-STB80NE06-10 Datasheet
94Kb / 8P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STP55NE06 STMICROELECTRONICS-STP55NE06 Datasheet
120Kb / 9P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STP80NE06-10 STMICROELECTRONICS-STP80NE06-10 Datasheet
92Kb / 8P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STD20NE06 STMICROELECTRONICS-STD20NE06 Datasheet
96Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STD20NE03L STMICROELECTRONICS-STD20NE03L Datasheet
105Kb / 9P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STP60NE03L-10 STMICROELECTRONICS-STP60NE03L-10 Datasheet
99Kb / 8P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
STB55NE06 STMICROELECTRONICS-STB55NE06 Datasheet
98Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STB55NE06L STMICROELECTRONICS-STB55NE06L Datasheet
55Kb / 5P
   N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com