Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB86 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # TB86
Description  8.0A Single-Phase Silicon Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB86 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  TB86 Datasheet HTML 1Page - TAITRON Components Incorporated TB86 Datasheet HTML 2Page - TAITRON Components Incorporated TB86 Datasheet HTML 3Page - TAITRON Components Incorporated TB86 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8.0A Single-Phase Silicon Bridge Rectifier
TB805 – TB810
Rev. A/JJ 2007-06-10
www.taitroncomponents.com
Page 4 of 4
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - TB86

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
TB82 NORGREN-TB82 Datasheet
1Mb / 7P
   Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB82-201A NORGREN-TB82-201A Datasheet
1Mb / 7P
   Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB82-201G NORGREN-TB82-201G Datasheet
1Mb / 7P
   Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB82-221A NORGREN-TB82-221A Datasheet
1Mb / 7P
   Filter-Regulator – Combination Excelon® Plus Modular System
11/22
TB82-221G NORGREN-TB82-221G Datasheet
1Mb / 7P
   Filter-Regulator – Combination Excelon® Plus Modular System
11/22
More results

Similar Description - TB86

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU800 WTE-KBU800_06 Datasheet
50Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800 WTE-KBPC800_06 Datasheet
60Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBPC800S WTE-KBPC800S Datasheet
43Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBJ8A WTE-KBJ8A_06 Datasheet
76Kb / 4P
   8.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU810 WTE-KBU810 Datasheet
44Kb / 4P
   8.0A SINGLE PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
KBPC8005 NJSEMI-KBPC8005 Datasheet
68Kb / 2P
   8.0A SINGLE - PHASE SILICON BRIDGE
logo
Semtech Corporation
KBPC8 SEMTECH-KBPC8 Datasheet
126Kb / 2P
   8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Won-Top Electronics
KBU800G WTE-KBU800G_06 Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU8A WTE-GBU8A_06 Datasheet
60Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
GBU8005 SMCDIODE-GBU8005 Datasheet
330Kb / 5P
   Single-Phase 8.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com