Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB256GW Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TB256GW
Description  25.0A Glass Passivated Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB256GW Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TB256GW Datasheet HTML 1Page - TAITRON Components Incorporated TB256GW Datasheet HTML 2Page - TAITRON Components Incorporated TB256GW Datasheet HTML 3Page - TAITRON Components Incorporated TB256GW Datasheet HTML 4Page - TAITRON Components Incorporated TB256GW Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 2 of 5
TB2505GW –TB2510GW
25.0A GLASS PASSIVATED BRIDGE RECTIFIER
NOTES:
1. 8.3ms single half sine-wave superimposed on rated load (JEDEC method).
2. Measured at 1MHz and applied reverse voltage of 4.0Volts D.C.
3. Thermal resistance junction to case mounted on heat sink.
Typical Characteristics Curves
Symbol
Description
TB2505GW
TB251GW
TB252GW TB254GW
TB256GW TB258GW TB2510GW
Unit
VF
Maximum Instantaneous
Forward Voltage
Drop Per Leg@12.5 A
1.1
V
TA=25° C
10.0
uA
IR
Maximum DC
Reverse
Current
Rated DC
Blocking
Voltage
TA=125° C
500
uA
Rθ-JC
Maximum Thermal Resistance
(Note 3)
1.9
° C/W
Case Temperature (°C)
Fig.2-Max. Non-repetitive Peak Forward Surge Current
Fig.1- Typical Forward Current Derating Curve
Number of Cycles at 60Hz


Similar Part No. - TB256GW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB256G TAITRON-TB256G Datasheet
212Kb / 5P
   25.0A Glass Passivated Bridge Rectifier
More results

Similar Description - TB256GW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB2505G TAITRON-TB2505G Datasheet
212Kb / 5P
   25.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU25005 SMCDIODE-GBU25005 Datasheet
341Kb / 5P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
logo
Sangdest Microelectroni...
GBPC25005 SMC-GBPC25005 Datasheet
125Kb / 4P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ25005 SMCDIODE-GBJ25005 Datasheet
391Kb / 5P
   Single-Phase 25.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Gulf Semiconductor
GSIB2560-E GULFSEMI-GSIB2560-E Datasheet
143Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 1000V Current: 25.0A
GSIB2505 GULFSEMI-GSIB2505 Datasheet
143Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
   GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com