Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB354W Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # TB354W
Description  35.0A Single-Phase Bridge Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB354W Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  TB354W Datasheet HTML 1Page - TAITRON Components Incorporated TB354W Datasheet HTML 2Page - TAITRON Components Incorporated TB354W Datasheet HTML 3Page - TAITRON Components Incorporated TB354W Datasheet HTML 4Page - TAITRON Components Incorporated TB354W Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. A/JJ 2007-06-15
www.taitroncomponents.com
Page 5 of 5
TB3505W –TB3510W
35.0A SINGLE-PHASE BRIDGE RECTIFIER
How to contact us
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - TB354W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB354 TAITRON-TB354 Datasheet
235Kb / 5P
   35.0A Single-Phase Bridge Rectifier
logo
3M Electronics
TB3540 3M-TB3540 Datasheet
36Kb / 5P
   Dual Lock??Reclosable Fasteners Trial Bags
TB3541 3M-TB3541 Datasheet
36Kb / 5P
   Dual Lock??Reclosable Fasteners Trial Bags
TB3542 3M-TB3542 Datasheet
36Kb / 5P
   Dual Lock??Reclosable Fasteners Trial Bags
TB3546/TB3547 3M-TB3546/TB3547 Datasheet
45Kb / 8P
   Hook and Loop Fasteners Trial Bags
More results

Similar Description - TB354W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB3505 TAITRON-TB3505 Datasheet
235Kb / 5P
   35.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ35005 SMCDIODE-GBJ35005 Datasheet
425Kb / 5P
   Single-Phase 35.0A Glass Passivated Bridge Rectifier
Rev. B
logo
Gulf Semiconductor
KBPC35005 GULFSEMI-KBPC35005 Datasheet
609Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 35.0A
logo
TAITRON Components Inco...
TB3505GW TAITRON-TB3505GW Datasheet
243Kb / 5P
   35.0A Glass Passivated Bridge Rectifier
TB3505G TAITRON-TB3505G Datasheet
235Kb / 5P
   35.0A Glass Passivated Bridge Rectifier
logo
Gulf Semiconductor
GBPC35005 GULFSEMI-GBPC35005 Datasheet
124Kb / 3P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:35.0A
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com