Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB410 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TB410
Description  40A Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TB410 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TB410 Datasheet HTML 1Page - TAITRON Components Incorporated TB410 Datasheet HTML 2Page - TAITRON Components Incorporated TB410 Datasheet HTML 3Page - TAITRON Components Incorporated TB410 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-05-19
TB4005 – TB410
40A Bridge Rectifiers
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329 (661)-257-6415
Page 1 of 4
40A Bridge Rectifiers
Features
• Low reverse leakage current
• Low power loss
• High efficiency
• Electrically isolated epoxy case for maximum heat dissipation
• Case to terminal isolated voltage 2500V
• RoHS compliant
Mechanical Data
Case:
Molded plastic with heat sink, available in both low profile and standard case
Terminals:
Plated faston lugs
Polarity:
As marked on case
Mounting
Torque:
20 in. – lbs. max.
Weight:
21 grams
Maximum Ratings And Electrical Characteristics (Tamb=25˚C)
Symbols
Parameter
TB
4005
TB
401
TB
402
TB
404
TB
406
TB
408
TB
410
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current
40
A
TA=60˚C
IFSM
Peak Forward Surge Current
400
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.1
V
IF=20A
5.0
TC=25°C
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
per leg
500
µA
TC=125°C
t
Rating for Fusing
(1ms<t<8.3ms)
664
A²S
TB35


Similar Part No. - TB410

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
TB4 DIT-TB4 Datasheet
1Mb / 8P
   EMI/EMC FILTER
TB4-016GD DIT-TB4-016GD Datasheet
1Mb / 8P
   EMI/EMC FILTER
TB4-016GF DIT-TB4-016GF Datasheet
1Mb / 8P
   EMI/EMC FILTER
TB4-016GR DIT-TB4-016GR Datasheet
1Mb / 8P
   EMI/EMC FILTER
TB4-016GV DIT-TB4-016GV Datasheet
1Mb / 8P
   EMI/EMC FILTER
More results

Similar Description - TB410

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP40-005L FRONTIER-BP40-005L Datasheet
124Kb / 2P
   40A HIGH CURRENT BRIDGE RECTIFIERS
BP40-005G FRONTIER-BP40-005G Datasheet
129Kb / 2P
   40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP40-005 FRONTIER-BP40-005 Datasheet
130Kb / 2P
   40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS40P05G TSC-TS40P05G_16 Datasheet
224Kb / 4P
   40A, 600V - 1000V Glass Passivated Bridge Rectifiers
logo
Frontier Electronics.
MBR4040CT FRONTIER-MBR4040CT Datasheet
524Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIERS
SR40-03 FRONTIER-SR40-03 Datasheet
124Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
GBPC40-005 TAITRON-GBPC40-005 Datasheet
148Kb / 4P
   40A Glass Passivated Bridge Rectifier
MB4005 TAITRON-MB4005 Datasheet
146Kb / 4P
   40A Single-Phase Bridge Rectifier
logo
Shindengen Electric Mfg...
DF40SC3L SHINDENGEN-DF40SC3L Datasheet
554Kb / 10P
   Schottky Rectifiers (SBD) (30V 40A)
DF40SC4 SHINDENGEN-DF40SC4 Datasheet
576Kb / 10P
   Schottky Rectifiers (SBD) (40V 40A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com