Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCDR1MW Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TCDR1MW
Description  1.0A Sintered Glass Passivated Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TCDR1MW Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TCDR1MW Datasheet HTML 1Page - TAITRON Components Incorporated TCDR1MW Datasheet HTML 2Page - TAITRON Components Incorporated TCDR1MW Datasheet HTML 3Page - TAITRON Components Incorporated TCDR1MW Datasheet HTML 4Page - TAITRON Components Incorporated TCDR1MW Datasheet HTML 5Page - TAITRON Components Incorporated TCDR1MW Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. B/AH 2007-12-07
www.taitroncomponents.com
Page 2 of 6
TCDR1DW – TCDR1MW
1.0A Sintered Glass Passivated Fast Recovery Rectifier
Fig.4-Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig.3- Typical Forward Characteristics
Instantaneous Forward Voltage (V)
Fig.2- Maximum Non-Repetitive Forward Surge Current
Number of Cycles At 60Hz
Symbol
Description
TCDR
1DW
TCDR
1GW
TCDR
1JW
TCDR
1KW
TCDR
1MW
Unit
Conditions
CJ
Diode Junction
Capacitance
15
pF
f=1MHz
VR= 4V
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-65 to +175
° C
Typical Characteristics Curves
Fig.1- Forward Current Derating Curve
Lead Temperature (° C)


Similar Part No. - TCDR1MW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCDR1MMW TAITRON-TCDR1MMW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
More results

Similar Description - TCDR1MW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCDR1QW TAITRON-TCDR1QW Datasheet
202Kb / 7P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGF1A TAITRON-RGF1A Datasheet
173Kb / 6P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10Q TAITRON-RGP10Q Datasheet
131Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP10A TAITRON-RGP10A Datasheet
132Kb / 4P
   1.0A Sintered Glass Passivated Fast Recovery Rectifier
MURS140 TAITRON-MURS140 Datasheet
181Kb / 5P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
UGP10A TAITRON-UGP10A Datasheet
147Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
MUR130 TAITRON-MUR130 Datasheet
172Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP10A TAITRON-EGP10A Datasheet
136Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Recovery Rectifier
EGF1A TAITRON-EGF1A Datasheet
139Kb / 4P
   1.0A Sintered Glass Passivated Super Fast Rectifier
UGF1A TAITRON-UGF1A Datasheet
130Kb / 4P
   1.0A Sintered Glass Passivated Ultra Fast Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com