Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO30Y48-6 Datasheet(PDF) 5 Page - Astec America, Inc

Part # AEO30Y48-6
Description  AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO30Y48-6 Datasheet(HTML) 5 Page - Astec America, Inc

  AEO30Y48-6 Datasheet HTML 1Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 2Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 3Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 4Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 5Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 6Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 7Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 8Page - Astec America, Inc AEO30Y48-6 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Technical Reference Notes
AEO_ALO40/35/30/20/10x48 Series
(Single Output 8
th Brick)
MODEL: AEO40x48 / ALO40x48 SERIES
SHEET 5 OF 30
JUNE 24, 2005 - REVISION B
Electrical Specifications (continued)
OUTPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typical
Max
Unit
Output Enable ON/OFF
Open collector TTL compatible
Positive Enable: Mod-ON
Mod-OFF
Negative Enable: Mod-ON
Mod-OFF
All
All
All
All
-
-
-
-
2.95
-0.50
-0.50
2.95
-
-
-
-
20
1.20
1.20
20
V
V
V
V
Note:
1. Derating curves for both openframe and baseplate modules are based on derated component junction
temperatures of 120
oC or less where applicable.
2. Module is not internally fuesd; an external input line fuse is recommended for
use (e.g. Littlefuse
® 465 Series / 250V min).
3. Refer to Figure 1 for the input ripple current test measurement setup.
4. Refer to Fig 2 for the output ripple and noise test measurement setup.
5. Output derating may apply at elevated ambient temperatures. Please refer to the appropriate derating curves.
6. Refer to the output trim equations provided (Equation 1 and 2).
SAFETY AGENCY / MATERIAL RATING / ISOLATION
Parameter
Device
Safety Approval
7
All
UL/cUL 60950, 35d Edition – Recognized
EN 60950 through TUV
Material Flammability Rating
All
UL94V-0
Parameter
Device
Symbol
Min
Typical
Max
Unit
Input to Output Capacitance
All
-
1000
-
pF
Input to output Resistance
All
-
10
-
MOhms
Input to Output Insulation Type
All
-
Basic
-
-
Note:
7. The 3.3V, 5V and 12V modules have completed required safety approvals.


Similar Part No. - AEO30Y48-6

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO30Y48-6 EMERSON-NETWORKPOWER-AEO30Y48-6 Datasheet
1Mb / 4P
   66/120 Watts
AEO30Y48-6L EMERSON-NETWORKPOWER-AEO30Y48-6L Datasheet
1Mb / 4P
   66/120 Watts
More results

Similar Description - AEO30Y48-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO04B48N-6S ASTEC-ALO04B48N-6S Datasheet
898Kb / 26P
   AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com