Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2100A-30P Datasheet(PDF) 4 Page - Anaren Microwave

Part # XC2100A-30P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100A-30P Datasheet(HTML) 4 Page - Anaren Microwave

  XC2100A-30P Datasheet HTML 1Page - Anaren Microwave XC2100A-30P Datasheet HTML 2Page - Anaren Microwave XC2100A-30P Datasheet HTML 3Page - Anaren Microwave XC2100A-30P Datasheet HTML 4Page - Anaren Microwave XC2100A-30P Datasheet HTML 5Page - Anaren Microwave XC2100A-30P Datasheet HTML 6Page - Anaren Microwave XC2100A-30P Datasheet HTML 7Page - Anaren Microwave XC2100A-30P Datasheet HTML 8Page - Anaren Microwave XC2100A-30P Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XC0450A-03
Rev B
Typical Performance (-55°C, 25°C and 95°C): 410-480 MHz
410
420
430
440
450
460
470
480
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for XC0450A-03(Feeding Port1)
-55 °C
25 °C
95 °C
410
420
430
440
450
460
470
480
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for XC0450A-03(Feeding Port2)
-55 °C
25 °C
95 °C
410
420
430
440
450
460
470
480
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for XC0450A-03(Feeding Port3)
-55 °C
25 °C
95 °C
410
420
430
440
450
460
470
480
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for XC0450A-03(Feeding Port4)
-55 °C
25 °C
95 °C


Similar Part No. - XC2100A-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100A-30P ANAREN-XC2100A-30P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC2100A-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com