Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO25Y48N Datasheet(PDF) 7 Page - Astec America, Inc

Part # AEO25Y48N
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO25Y48N Datasheet(HTML) 7 Page - Astec America, Inc

Back Button AEO25Y48N Datasheet HTML 3Page - Astec America, Inc AEO25Y48N Datasheet HTML 4Page - Astec America, Inc AEO25Y48N Datasheet HTML 5Page - Astec America, Inc AEO25Y48N Datasheet HTML 6Page - Astec America, Inc AEO25Y48N Datasheet HTML 7Page - Astec America, Inc AEO25Y48N Datasheet HTML 8Page - Astec America, Inc AEO25Y48N Datasheet HTML 9Page - Astec America, Inc AEO25Y48N Datasheet HTML 10Page - Astec America, Inc AEO25Y48N Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 7 OF 26
AUGUST 25, 2005 - REVISION G
+Vin
-Vin
Enable
-Vout
+Vout
-Sense
+Sense
Vadj
Rload
Radj_up
Figure 3. External resistor configuration to increase the outputs
+Vin
-Vin
Enable
-Vout
+Vout
-Sense
+Sense
Vadj
Rload
Radj_down
Figure 4. External resistor configuration to increase the outputs
Basic Operation and Features
INPUT UNDER VOLTAGE LOCKOUT
To prevent any instability to the converter, which may affect the end system, the converter have been designed to turn-on once
VIN is in the voltage range of 33 to 36VDC. Likewise, it has also been programmed to turn-off when VIN drops down to 31 to
34VDC
OUTPUT VOLTAGE ADJUST/TRIM
The converter comes with a TRIM pin (PIN 6), which is used to adjust the output by as much as 90% to 110% of its set point.
This is achieved by connecting an external resistor as described below.
To INCREASE the output, external Radj_up resistor
should be connected between TRIM PIN (Pin6) and
+SENSE PIN (Pin 7). Please refer to Equation (1) for the
required external resistance and output adjust
relationship.
Equation (1a): 1.5V to 12V
Equation (1b): 1.2V
To DECREASE the output, external Radj_down resistor
should be connected between TRIM pin (Pin 6) and
-SENSE PIN (Pin 5). Please refer to Equation (2) for the
required external resistance and output adjust
relationship.
Equation (2):
Where:
∆% = percent change in output voltage
Radj_down
510
∆%
10.2

k
Radj_up
5.1 Voset
×
100
∆%
+
(
)
×
0.6
∆%
×
510
∆%
10.2
=ΚΩ
Radj_up
5.1 Voset
×
100
∆%
+
(
)
×
1.225
∆%
×
510
∆%
10.2
=ΚΩ


Similar Part No. - AEO25Y48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEO25 ASTEC-AEO25 Datasheet
98Kb / 2P
   66Watts
More results

Similar Description - AEO25Y48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com