Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF255 Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TF255
Description  2.5A Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TF255 Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TF255 Datasheet HTML 1Page - TAITRON Components Incorporated TF255 Datasheet HTML 2Page - TAITRON Components Incorporated TF255 Datasheet HTML 3Page - TAITRON Components Incorporated TF255 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.5A Fast Recovery Rectifier
Rev. B/AH 2008-04-29
TF251 – TF257/FR251 – FR257
www.taitroncomponents.com
Page 3 of 4
Fig.3- Typical Forward Characteristics
Forward Voltage (V)
Dimensions in inches & mm
Fig.4- Typical Junction Capacitance
Reverse Voltage (V)
R-3


Similar Part No. - TF255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF255 ETC2-TF255 Datasheet
123Kb / 4P
   2.5A Fast Recovery Rectifier
More results

Similar Description - TF255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF251 ETC2-TF251 Datasheet
123Kb / 4P
   2.5A Fast Recovery Rectifier
logo
Leshan Radio Company
FR251 LRC-FR251 Datasheet
50Kb / 2P
   2.5A FAST RECOVERY DIODES
logo
Zibo Seno Electronic En...
FR251 ZSELEC-FR251 Datasheet
116Kb / 2P
   2.5A FAST RECOVERY DIODE
logo
Fuji Electric
ERC35 FUJI-ERC35 Datasheet
52Kb / 2P
   FAST RECOVERY DIODE( 200V / 2.5A )
logo
Zibo Seno Electronic En...
PG250R ZSELEC-PG250R Datasheet
136Kb / 2P
   2.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Shindengen Electric Mfg...
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
   Super Fast Recovery Rectifiers(200V 2.5A)
logo
Zibo Seno Electronic En...
FR251G ZSELEC-FR251G Datasheet
118Kb / 2P
   2.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Fuji Electric
ERD29 FUJI-ERD29 Datasheet
49Kb / 2P
   FAST RECOVERY DIODE( 200 to 600V / 2.5A )
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com