Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC0450E-30P Datasheet(PDF) 9 Page - Anaren Microwave

Part # XC0450E-30P
Description  Hybrid Coupler 3 dB, 90째
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0450E-30P Datasheet(HTML) 9 Page - Anaren Microwave

Back Button XC0450E-30P Datasheet HTML 5Page - Anaren Microwave XC0450E-30P Datasheet HTML 6Page - Anaren Microwave XC0450E-30P Datasheet HTML 7Page - Anaren Microwave XC0450E-30P Datasheet HTML 8Page - Anaren Microwave XC0450E-30P Datasheet HTML 9Page - Anaren Microwave XC0450E-30P Datasheet HTML 10Page - Anaren Microwave XC0450E-30P Datasheet HTML 11Page - Anaren Microwave XC0450E-30P Datasheet HTML 12Page - Anaren Microwave XC0450E-30P Datasheet HTML 13Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC0450A-03
Rev B
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
Notice that the board layout for the 3dB and 5dB couplers is different from that of the 10dB and 20dB couplers. The
test board for the 3dB and 5dB couplers has all four traces interfacing with the coupler at the same angle. The test
board for the 10dB and 20dB couplers has two traces approaching at one angle and the other two traces at a different
angle. The entry angle of the traces has a significant impact on the RF performance and these parts have
been optimized for the layout used on the test boards shown below.
10 & 20dB Test Board
3 & 5dB Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25
°C
410 – 480 MHz
~ 0.03dB
For example, a 1900MHz, 10dB coupler on a test board may measure –10.30dB from input to the coupled port at
some frequency, F1. When the loss of the test board is removed, the coupling at F1 becomes -10.18dB (-10.30dB +
0.12dB). This compensation must be made to both the coupled and direct path measurements when calculating
insertion loss.
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.


Similar Part No. - XC0450E-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0450E-30P ANAREN-XC0450E-30P Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0450E-30P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03 Datasheet
593Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1900A-03 ANAREN-XC1900A-03 Datasheet
626Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC1400P-03S ANAREN-XC1400P-03S Datasheet
590Kb / 24P
   Hybrid Coupler 3 dB, 90째
1P603S ANAREN-1P603S Datasheet
358Kb / 11P
   Hybrid Coupler 3 dB, 90째
C1517J5003AHF ANAREN-C1517J5003AHF Datasheet
216Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com