Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V53C8256H45 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V53C8256H45
Description  ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C8256H45 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V53C8256H45 Datasheet HTML 1Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 2Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C8256H45 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MOSEL VITELIC
V53C8256H
3
V53C8256H Rev. 1.2 July 1997
Absolute Maximum Ratings*
Ambient Temperature
Under Bias .............................. –10
°C to +80°C
Storage Temperature (plastic) ...... -55
°C to +125°C
Voltage Relative to VSS ...................–1.0V to +7.0V
Data Output Current ..................................... 50 mA
Power Dissipation .......................................... 1.0 W
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VDD = 5 V ± 10%, VSS = 0 V
*Note: Capacitance is sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
CIN1
Address Input
3
4
pF
CIN2
RAS, CAS, WE, OE
45
pF
COUT
Data Input/Output
5
7
pF
Block Diagram
A0
A1
A
7
A8
SENSE AMPLIFIERS
REFRESH
COUNTER
VDD
VSS
9
8256H-05
I/O 1
X 0 -X
512
MEMORY
ARRAY
COLUMN DECODERS
DATA I/O BUS
Y0 -Y8
512 x 8
I/O
BUFFER
I/O2
I/O3
I/O4
OE CLOCK
GENERATOR
WE CLOCK
GENERATOR
CAS CLOCK
GENERATOR
256K x 8
RAS CLOCK
GENERATOR
OE
WE
CAS
RAS
8
I/O 5
I/O6
I/O7
I/O8


Similar Part No. - V53C8256H45

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H35 MOSEL-V53C8258H35 Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H40 MOSEL-V53C8258H40 Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H45 MOSEL-V53C8258H45 Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8258H50 MOSEL-V53C8258H50 Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
More results

Similar Description - V53C8256H45

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Samsung semiconductor
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
   256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C8258H MOSEL-V53C8258H Datasheet
219Kb / 18P
   HIGH PERFORMANCE 256K X 8 EDO PAGE MODE CMOS DYNAMIC RAM
V53C8125H MOSEL-V53C8125H Datasheet
1Mb / 17P
   ULTRA-HIGH PERFORMANCE, 128K X 8 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Mosel Vitelic, Corp
V53C8126H MOSEL-V53C8126H Datasheet
209Kb / 18P
   ULTRA-HIGH PERFORMANCE, 128K X 8 BIT FAST PAGE MODE CMOS DYNAMIC RAM
V53C104H MOSEL-V53C104H Datasheet
926Kb / 16P
   ULTRA-HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT44108 ETC1-GLT44108 Datasheet
399Kb / 16P
   512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com