Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEO04F48 Datasheet(PDF) 8 Page - Astec America, Inc

Part # AEO04F48
Description  AEO/ALO Single Output 8th Brick: Baseplate or Open-Frame Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEO04F48 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button AEO04F48 Datasheet HTML 4Page - Astec America, Inc AEO04F48 Datasheet HTML 5Page - Astec America, Inc AEO04F48 Datasheet HTML 6Page - Astec America, Inc AEO04F48 Datasheet HTML 7Page - Astec America, Inc AEO04F48 Datasheet HTML 8Page - Astec America, Inc AEO04F48 Datasheet HTML 9Page - Astec America, Inc AEO04F48 Datasheet HTML 10Page - Astec America, Inc AEO04F48 Datasheet HTML 11Page - Astec America, Inc AEO04F48 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Technical Reference Notes
AEO_ALO04/12/20/25x48 Series
(Single Output 8th Brick)
MODEL: AEO_ALO04/12/20/25x48 SERIES
SHEET 8 OF 26
AUGUST 25, 2005 - REVISION G
Basic Operation and Features (continued)
OUTPUT ENABLE
The converter comes with an Enable pin (PIN 2), which is primarily used to turn ON/OFF the converter. Both a Positive (no
“N” suffix required) and a Negative (suffix “N” required) Enable Logic options are being offered. Please refer to Table 2 for
the Part Numbering Scheme.
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns unit on when
the Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
OUTPUT OVER VOLTAGE PROTECTION (OVP)
The Over Voltage Protection circuit is non-latching - auto recovery mode. The output of the converter is terminated under an
OVP fault condition (Vo > OVP threshold). The converter will attempt to restart until the fault is removed. There is a 100ms
lockout period between restart attempts.
OVER CURRENT PROTECTION (OCP)
The Over Current Protection is non-latching - auto recovery mode. The converter shuts down once the output current reaches
the OCP range. The converter will attempt to restart until the fault is removed. There is a 100ms lockout period between restart
attempts.
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the average PCB temperature (See Figure 62B for
OTP reference sense point) reaches the OTP range. This feature prevents the unit from overheating and consequently going
into thermal runaway, which may further damage the converter and the end system. Such overheating may be an effect of
operation outside the given power thermal derating conditions. Restart is possible once the temperature of the sensed location
drops to less than 110
°C.
REMOTE SENSE
The remote sense pins can be used to compensate for any voltage drops (per indicated max limits) that may occur along the
connection between the output pins to the load. Pin 7 (+Sense) and Pin 5 (-Sense) should be connected to Pin 8 (+Vout) and
Pin 4 (Return) respectively at the point where regulation is desired. The combination of remote sense and trim adjust cannot
exceed 110% of VO. When output voltage is trimmed up (through remote sensing and/or trim pin), output current must be
derated and maximum output power must not be exceeded.


Similar Part No. - AEO04F48

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEO EMERSON-NETWORKPOWER-AEO Datasheet
155Kb / 2P
   High Efficiency
logo
Astec America, Inc
AEO ASTEC-AEO Datasheet
1Mb / 4P
   Low Ripple and Noise
logo
Schurter Inc.
AEO SCHURTER-AEO Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
29.09.2021
AEO10.3X38 SCHURTER-AEO10.3X38 Datasheet
510Kb / 4P
   EV Fuse 10.3 x 38 mm, 1000 VDC, up to 50 A
04.01.2022
More results

Similar Description - AEO04F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO10B48N-6S ASTEC-ALO10B48N-6S Datasheet
1Mb / 30P
   AEO40x48 / ALO40x48 Single Output 8th Brick: Baseplate or Open-Frame Module
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Recom International Pow...
RPMGS-20 RECOM-RPMGS-20 Datasheet
965Kb / 7P
   20 Amp 16th Brick Open Frame Single Output
REV.: 0/2022
RPMGQ-20 RECOM-RPMGQ-20 Datasheet
935Kb / 7P
   20 Amp QTR Brick Open Frame Single Output
REV.: 0/2022
logo
Astec America, Inc
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
List of Unclassifed Man...
NAD-600X ETC-NAD-600X Datasheet
41Kb / 2P
   60W Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
   40Watts Open Frame Single Output
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
   230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM550-G RECOM-RACM550-G Datasheet
1Mb / 10P
   550 Watt 5??x 3??Open Frame or Enclosed Single Output
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com