Electronic Components Datasheet Search |
|
AEO04G48 Datasheet(PDF) 6 Page - Astec America, Inc |
|
AEO04G48 Datasheet(HTML) 6 Page - Astec America, Inc |
6 / 26 page Technical Reference Notes AEO_ALO04/12/20/25x48 Series (Single Output 8th Brick) MODEL: AEO_ALO04/12/20/25x48 SERIES SHEET 6 OF 26 AUGUST 25, 2005 - REVISION G Electrical Specifications (continued) Figure 2. Peak to Peak Output Noise Measurement Setup. Figure 1. Input Reflected Ripple Current Measurement Setup. Vo(+) Vo(-) RESISTIVE LOAD 10 uF 0.1 uF SCOPE COPPER STRIP Use a 0.1 µF @50V X7R ceramic capacitor (connected an inch away from the output terminals of the UUT) and a 10 µF @ 25V tantalum capacitor (2 inches away from the output terminals of the UUT). Scope measurement should be made using a BNC socket, positioned 3 inches away from output terminals of the converter. BATTERY Cs 220 uF ESR < 0.1 OHM @ 20 ºC, 100 kHz Ltest 12 uH 33 uF ESR < 0.7 OHM @ 20 ºC, 100 kHz Vi(+) Vi(-) TO OSCILLOSCOPE Measure input reflected-ripple current with a simulated source inductance (Ltest) of 12uH. Capacitor Cs offsets possible battery impedance. Measure current as shown above. |
Similar Part No. - AEO04G48 |
|
Similar Description - AEO04G48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |