Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLN-H4Q5-583 Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # TLN-H4Q5-583
Description  5mm x 5mm Square Lamp LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TLN-H4Q5-583 Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  TLN-H4Q5-583 Datasheet HTML 1Page - TAITRON Components Incorporated TLN-H4Q5-583 Datasheet HTML 2Page - TAITRON Components Incorporated TLN-H4Q5-583 Datasheet HTML 3Page - TAITRON Components Incorporated TLN-H4Q5-583 Datasheet HTML 4Page - TAITRON Components Incorporated TLN-H4Q5-583 Datasheet HTML 5Page - TAITRON Components Incorporated TLN-H4Q5-583 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev. A/PG 20080107
5mm x 5mm Square Lamp LED
www.taitroncomponents.com
Page 5 of 6
TLN-H4Q5-583
Code of Frame Structure
Standard
Color Diffused
Square
Low Current Bright Red Color
Size in mm
Factory location code
Taitron LED Lamp
Lead Free Bag or Box
Ordering Information
TL N – H 4 Q 5 – 583– XX – BL


Similar Part No. - TLN-H4Q5-583

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TLN-H4R3-1254 TAITRON-TLN-H4R3-1254 Datasheet
252Kb / 6P
   3mm ROUND LAMP LED
TLN-H4R3-1254-XX-BL TAITRON-TLN-H4R3-1254-XX-BL Datasheet
252Kb / 6P
   3mm ROUND LAMP LED
More results

Similar Description - TLN-H4Q5-583

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX55103SUGD-FL LUMEX-SSL-LX55103SUGD-FL Datasheet
51Kb / 1P
   5mm X 5mm SQUARE LED
SSL-LX55103SYD-FL LUMEX-SSL-LX55103SYD-FL Datasheet
59Kb / 1P
   5mm X 5mm SQUARE LED
SSL-LX5573SID LUMEX-SSL-LX5573SID Datasheet
51Kb / 1P
   5mm X 5mm SQUARE LED
SSL-LX5573GD-TR LUMEX-SSL-LX5573GD-TR Datasheet
59Kb / 1P
   5mm X 5mm SQUARE LED
SSL-LX5573USBD LUMEX-SSL-LX5573USBD Datasheet
51Kb / 1P
   5mm X 5mm SQUARE LED
SSL-LX5573OD LUMEX-SSL-LX5573OD Datasheet
45Kb / 1P
   5mm X 5mm SQUARE 630mm ORANGE LED
SSL-LX5573GD LUMEX-SSL-LX5573GD Datasheet
45Kb / 1P
   5mm X 5mm SQUARE 565mm GREEN LED
SSL-LX5573ID LUMEX-SSL-LX5573ID Datasheet
44Kb / 1P
   5mm X 5mm SQUARE 635mm RED LED
SSL-LX5573YD LUMEX-SSL-LX5573YD Datasheet
45Kb / 1P
   5mm X 5mm SQUARE 585mm YELLOW LED
SSL-LX5573HD LUMEX-SSL-LX5573HD Datasheet
45Kb / 1P
   5mm X 5mm SQUARE 695mm RED LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com