Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS1206 Datasheet(PDF) 2 Page - Riedon Powertron

Part # CHS1206
Description  High Resistance Thick Film chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CHS1206 Datasheet(HTML) 2 Page - Riedon Powertron

  CHS1206 Datasheet HTML 1Page - Riedon Powertron CHS1206 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RIEDON
Riedon Inc. 300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
Fax: (626) 284-1704
www.riedon.com
REV 10/02
Packaging:
Bulk or Tape & Reel per IEC 286-3 / EIA 481-1-A
Tape width 8mm, Reel diameter 180 or 330mm
Minimum quantity Bulk, 100 pieces per value
Minimum quantity Tape & Reel, 1000 pieces per value
Ordering information:
Type/Size - Resistance - Tolerance - TCR - Packaging ( if not Bulk )
Example: CHS2512 - 10G - 10 - 250 - Tape
( Note: if no TCR is specified, the highest value will be supplied )
DIMENSIONS
C
L
B
D
Type CHS
High Resistance Thick Film Chip Resistors
Long Term Stability
< 100MW
100MW - < 1GW³1GW
Storage 125°C / 1000h
<1%
<2%
<5%
Maximum Voltage / 1000h
<0.5%
<1%
<2%
Size
L
B
D
C
CHS0402
1.04 ± 0.05
0.5 ± 0.05
0.3 ± 0.05
0.1
CHS0603
1.5
0.8
0.4
0.2
CHS0805
2.0
1.2
0.4
0.3
CHS1206
3.2
1.5
0.4
0.3
CHS1210
3.2
2.5
0.5
0.8 ± 0.2
CHS2512
6.3
3.5
0.6
0.9 ± 0.2
CHS4020
10.2
5.1
0.6
1.0 ± 0.2
Units: mm per CECC40400
+0.15
-0.05
+0.1
-0.05
+0.2
-0.1
+0.2
-0.1
+0.2
-0.1
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.20
-0.05
+0.20
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.20
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05
+0.15
-0.05


Similar Part No. - CHS1206

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CHS1206 RHOPOINT-CHS1206 Datasheet
47Kb / 2P
   High-Value Chip Resistors
More results

Similar Description - CHS1206

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-100MJ8 RIEDON-HVC1206H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-100MJ8 RIEDON-HVC2512H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com