Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR060310KOHMS Datasheet(PDF) 1 Page - Riedon Powertron

Part # CHR060310KOHMS
Description  Non-magnetic Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CHR060310KOHMS Datasheet(HTML) 1 Page - Riedon Powertron

  CHR060310KOHMS Datasheet HTML 1Page - Riedon Powertron CHR060310KOHMS Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Powertron GmbH PotsdamerStrasse18a D-14513Teltow
+49(0)33283530-0
+49(0)33283530-15
ARiedonCompany
www.powertron.de
Page8
1.01
Type
(larger sizes upon request)
0402
0504
0603
0805
1206
Power Rating ( W )1
0.05
0.10
0.10
0.125
0.25
Working
Voltage
( VAC )
Trimmed
30
50
75
100
200
Untrimmed
100
150
220
300
600
Resistance Range
( W )
TolerancesAvailable(%)
Temperature Coefficients Available ( ± ppm/K ) (lower TCR upon request)
1W - <10W
10%to20%
100 / 250
5%to20%
100 / 250
5%to20%
100 / 250
5%to20%
100 / 250
5%to20%
100 / 250
10W - <100W
5%to10%
50 / 100
2%to10%
50 / 100
2%to10%
50 / 100
1%to10%
50 / 100
1%to10%
50 / 100
100W - 1M
1%to10%
50 / 100
1%to10%
50 / 100
1%to10%
50 / 100
0.5%to10%
50 / 100
0.5%to10%
50 / 100
>1M - 10M
5%to20%
50 / 100
1%to10%
50 / 100
1%to10%
50 / 100
1%to10%
50 / 100
1%to10%
50 / 100
CHR Series
Resistances from 1Ohm to 10MOhms
Power Rating 0.05 to 0.25Watt
Resistance Tolerances to ± 0.5%
TCR’s to ± 50 ppm/K
Non-Magnetic (contact PtAg)
Suitable for Glueing or Soldering
Sizes: 0402 / 0504 / 0603 / 0805 / 1206
High Temperature Applications possible
SPECIFICATIONS
Non-magneticChipResistors
1
W @ 70 °C / 0W @ 155 °C
Specification
Value
TemperatureRange
-55°C to +155°C (extended range up to 250°C upon request)
ClimacticCetegory
55 / 155 / 56
Solderability
250°C / 3s (up to 6 month after shipping resp. at storage in Nitrogen)
Max.SolderingTemperature
260°C / 10s


Similar Part No. - CHR060310KOHMS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHR060310KOHMS RIEDON-CHR060310KOHMS Datasheet
172Kb / 2P
   Non-magnetic Chip Resistors
More results

Similar Description - CHR060310KOHMS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CHR2512H-100KJ8 RIEDON-CHR2512H-100KJ8 Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
CHR0402 RIEDON-CHR0402_13 Datasheet
172Kb / 2P
   Non-magnetic Chip Resistors
CHR0805H-1MJ8 RIEDON-CHR0805H-1MJ8 Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
CHR0805H-470KJ8 RIEDON-CHR0805H-470KJ8 Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
CHR RIEDON-CHR Datasheet
142Kb / 2P
   Non-magnetic Chip Resistors
logo
Vishay Siliconix
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
   Thick Film Chip Resistors, Non-Magnetic, Industrial
Revision: 23-Feb-15
MRA VISHAY-MRA Datasheet
82Kb / 3P
   Wirewound Resistors, Non-Magnetic,Non-Inductive, Axial Lead
Revision: 02-May-12
CMFNON-MAGNETIC VISHAY-CMFNON-MAGNETIC Datasheet
151Kb / 5P
   Metal Film Resistors, Non-Magnetic, Industrial, Precision
Revision: 23-Apr-14
logo
Panasonic Semiconductor
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com