Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC1900M-10P Datasheet(PDF) 3 Page - Anaren Microwave

Part # XC1900M-10P
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC1900M-10P Datasheet(HTML) 3 Page - Anaren Microwave

  XC1900M-10P Datasheet HTML 1Page - Anaren Microwave XC1900M-10P Datasheet HTML 2Page - Anaren Microwave XC1900M-10P Datasheet HTML 3Page - Anaren Microwave XC1900M-10P Datasheet HTML 4Page - Anaren Microwave XC1900M-10P Datasheet HTML 5Page - Anaren Microwave XC1900M-10P Datasheet HTML 6Page - Anaren Microwave XC1900M-10P Datasheet HTML 7Page - Anaren Microwave XC1900M-10P Datasheet HTML 8Page - Anaren Microwave XC1900M-10P Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2100A-20
Rev D
Insertion Loss and Power Derating Curves
Insertion Loss Derating:
The insertion loss, at a given frequency, of a group of
couplers is measured at 25
°C and then averaged. The
measurements are performed under small signal
conditions (i.e. using a Vector Network Analyzer). The
process is repeated at 95
°C, 150°C, and 200°C. A best-
fit line for the measured data is computed and then
plotted from -55
°C to 300°C.
Power Derating:
The power handling and corresponding power derating
plots are a function of the thermal resistance, mounting
surface
temperature
(base
plate
temperature),
maximum continuous operating temperature of the
coupler, and the thermal insertion loss. The thermal
insertion loss is defined in the Power Handling section of
the data sheet.
As the mounting interface temperature approaches the
maximum continuous operating temperature, the power
handling decreases to zero.
0
25
50
75
100 125 150 175 200 225 250 275 300
0
25
50
75
100
125
150
175
200
225
Base Plate Temperature (ºC)
Power Derating Curve for XC2100A-20
power handling at 2170MHz
power handling at 2300MHz
-100
-50
0
50
100
150
200
250
300
350
-0.2
-0.18
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Temperature of the Part (ºC)
Typical Insertion Loss Derating Curve for XC2100A-20
typical insertion loss (f=2170MHz)
typical insertion loss (f=2300MHz)


Similar Part No. - XC1900M-10P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC1900M-10P ANAREN-XC1900M-10P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC1900M-10P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com