Electronic Components Datasheet Search |
|
XC3500M-10P Datasheet(PDF) 6 Page - Anaren Microwave |
|
XC3500M-10P Datasheet(HTML) 6 Page - Anaren Microwave |
6 / 22 page USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 Available on Tape and Reel for Pick and Place Manufacturing. Model XC2100A-20 Rev D Definition of Measured Specifications Parameter Definition Mathematical Representation VSWR (Voltage Standing Wave Ratio) The impedance match of the coupler to a 50 Ω system. A VSWR of 1:1 is optimal. VSWR = min max V V Vmax = voltage maxima of a standing wave Vmin = voltage minima of a standing wave Return Loss The impedance match of the coupler to a 50 Ω system. Return Loss is an alternate means to express VSWR. Return Loss (dB)= 20log 1 - VSWR 1 VSWR + Mean Coupling At a given frequency ( ωn), coupling is the input power divided by the power at the coupled port. Mean coupling is the average value of the coupling values in the band. N is the number of frequencies in the band. Coupling (dB) = ⎟ ⎟ ⎠ ⎞ ⎜ ⎜ ⎝ ⎛ = ) ( ) ( log 10 ) ( n cpl n in n P P C ω ω ω Mean Coupling (dB) = N C N n n ∑ =1 ) ( ω Insertion Loss The input power divided by the sum of the power at the two output ports. 10log direct cpl in P P P + Transmission Loss The input power divided by the power at the direct port. 10log direct in P P Directivity The power at the coupled port divided by the power at the isolated port. 10log iso cpl P P Frequency Sensitivity The decibel difference between the maximum in band coupling value and the mean coupling, and the decibel difference between the minimum in band coupling value and the mean coupling. Max Coupling (dB) – Mean Coupling (dB) and Min Coupling (dB) – Mean Coupling (dB) |
Similar Part No. - XC3500M-10P |
|
Similar Description - XC3500M-10P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |