Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB7102TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB7102TR
Description  0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7102TR Datasheet(HTML) 5 Page - STMicroelectronics

  STB7102TR Datasheet HTML 1Page - STMicroelectronics STB7102TR Datasheet HTML 2Page - STMicroelectronics STB7102TR Datasheet HTML 3Page - STMicroelectronics STB7102TR Datasheet HTML 4Page - STMicroelectronics STB7102TR Datasheet HTML 5Page - STMicroelectronics STB7102TR Datasheet HTML 6Page - STMicroelectronics STB7102TR Datasheet HTML 7Page - STMicroelectronics STB7102TR Datasheet HTML 8Page - STMicroelectronics STB7102TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STB7102, STB7103, STB7104
STB7102 TEST CIRCUIT
1
2
34
4
3
2
1
Title
Number
Revision
Size
A4
Date:
17-Jun-2002
Sheet
of
File:
C:\PROGETTI\LOBUFFER_Uloba\uloba.ddb
Drawn By:
C5
10nF
C3
33pF
C8
1.5pF
L1
33nH
C2
1uF
1
2
JP1
VCC
C1
33pF
L2
2n2
J1
RF IN
L3
10nH
J2
RF OUT
L4
5n6
GND
3
GND
2
INPUT
1
VCC
6
GND
5
OUT
4


Similar Part No. - STB7102TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7102TR STMICROELECTRONICS-STB7102TR Datasheet
99Kb / 9P
   0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
More results

Similar Description - STB7102TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC385LP4 HITTITE-HMC385LP4_06 Datasheet
352Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
logo
Transcom, Inc.
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
   2.3 - 2.5 GHz 1W MMIC
logo
Fairchild Semiconductor
RMWB24001 FAIRCHILD-RMWB24001 Datasheet
98Kb / 7P
   24 GHz Buffer Amplifier MMIC
RMWB04001 FAIRCHILD-RMWB04001 Datasheet
112Kb / 7P
   4 GHz Buffer Amplifier MMIC
RMWB12001 FAIRCHILD-RMWB12001 Datasheet
201Kb / 6P
   12 GHz Buffer Amplifier MMIC
RMWB11001 FAIRCHILD-RMWB11001 Datasheet
355Kb / 6P
   11 GHz Buffer Amplifier MMIC
RMWB33001 FAIRCHILD-RMWB33001 Datasheet
234Kb / 6P
   33 GHz Buffer Amplifier MMIC
logo
Analog Devices
AD8313 AD-AD8313 Datasheet
261Kb / 16P
   0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com