Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC80U Datasheet(PDF) 1 Page - Fox Electronics

Part # HC80U
Description  RESISTANCE WELD THRU-HOLE CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

HC80U Datasheet(HTML) 1 Page - Fox Electronics

  HC80U Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
© 2004 FOX ELECTRONICS
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
FEATURES
• High Frequency Range
• Fundamental to 50 MHz
• Resistance Weld
RESISTANCE WELD THRU-HOLE CRYSTAL
MODEL: HC80U
All dimensions are in millimeters.
3.579545 ~ 4.000
4.000+ ~ 5.000
5.000+ ~ 6.000
6.000+ ~ 7.000
7.000+ ~ 8.000
8.000+ ~ 10.000
10.000+ ~ 11.000
11.000+ ~ 50.000
25.000 ~ 65.000
60.000 ~ 130.000
130.000+ ~ 200.000
Frequency Range
(MHz)
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
Fundamental
3rd OT
5th OT
7th OT
300
250
180
120
100
90
60
40
60
100
150
Operating Mode
Max ESR
OPTIONS
• Tolerances to < 5 PPM
• Stabilities to < 3 PPM
• Temperatures to -40ºC ~ -85ºC
• SMD Gullwing (HC80UW)
Learn more about:
Part Marking Identification
Internet required
1 Other tolerances, stabilities & operating temperature ranges available. Consult Fox Customer Service for
specific requirements.
All specifications subject to change without notice. Rev.
6/1/04
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Over Operating Temp Range
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Shunt Capacitance
(Co)
Load Capacitance
(CL)
Drive Level
Aging per year
3.579545 ~ 200.000 MHz
±30 PPM
±50 PPM
-20ºC ~ +70ºC
-40ºC ~ +85ºC
7.0 pF
10 pF ~ Series
(Customer Specified)
1.0 mW
±3 PPM
• STANDARD SPECIFICATIONS1
MAX (unless otherwise noted)
3.579545 ~ 200.000
HC80U
Model Number
Part Number
282-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
Frequency Range (MHz)


Similar Part No. - HC80U

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC80UW FOX-HC80UW Datasheet
272Kb / 1P
   RESISTANCE WELD MINIATURE CRYSTAL (GULLWING)
More results

Similar Description - HC80U

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-036S FOX-FOXSLF-036S Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-184-20 FOX-FOXSLF-184-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
logo
List of Unclassifed Man...
FOXLF240F-20 ETC2-FOXLF240F-20 Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com