Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-82CA Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TGL41-82CA
Description  400W Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TGL41-82CA Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TGL41-82CA Datasheet HTML 1Page - TAITRON Components Incorporated TGL41-82CA Datasheet HTML 2Page - TAITRON Components Incorporated TGL41-82CA Datasheet HTML 3Page - TAITRON Components Incorporated TGL41-82CA Datasheet HTML 4Page - TAITRON Components Incorporated TGL41-82CA Datasheet HTML 5Page - TAITRON Components Incorporated TGL41-82CA Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
400W Surface Mount Transient Voltage Suppressor
Rev. A/DX 2007-06-04
TGL41-6.8 - TGL41-170CA
www.taitroncomponents.com
Page 2 of 6
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Breakdown Voltage
@ Test Current.
Part NO.
Device
Marking
Code
Reverse
Stand-off
Voltage
V BR
Max.
Clamping
Voltage
@
IPPM
Max.
Peak
Pulse
Current
Max.
Reverse
Leakage
Current
@
V WM
Uni-Polar
Bi-Polar
Uni
Bi
V WM (V)
Min.
Max.
IT(mA)
VC (V)
IPPM (A)
ID (
μA)
TGL416.8
TGL416.8C
-
-
5.50
6.12
7.48
10
10.8
37.0
1000
TGL416.8A
TGL416.8CA
-
-
5.80
6.45
7.14
10
10.5
38.1
1000
TGL41-7.5
TGL41-7.5C
-
-
6.05
6.75
8.25
10
11.7
34.2
500
TGL41-7.5A
TGL417.5CA
-
-
6.40
7.13
7.88
10
11.3
35.4
500
TGL41-8.2
TGL41-8.2C
-
-
6.63
7.38
9.02
10
12.5
32.0
200
TGL41-8.2A
TGL418.2CA
-
-
7.02
7.79
8.61
10
12.1
33.1
200
TGL41-9.1
TGL41-9.1C
-
-
7.37
8.19
10.0
1.0
13.8
29.0
50
TGL41-9.1A
TGL419.1CA
-
-
7.78
8.65
9.55
1.0
13.4
29.9
50
TGL41-10
TGL41-10C
-
-
8.10
9.00
11.0
1.0
15.0
26.7
10
TGL41-10A
TGL41-10CA
-
-
8.55
9.50
10.5
1.0
14.5
27.6
10
TGL41-11
TGL41-11C
-
-
8.92
9.90
12.1
1.0
16.2
24.7
5
TGL41-11A
TGL41-11CA
-
-
9.40
10.5
11.6
1.0
15.6
25.6
5
TGL41-12
TGL41-12C
-
-
9.72
10.8
13.2
1.0
17.3
23.1
5
TGL41-12A
TGL41-12CA
-
-
10.2
11.4
12.6
1.0
16.7
24.0
5
TGL41-13
TGL41-13C
-
-
10.5
11.7
14.3
1.0
19.0
21.1
5
TGL41-13A
TGL41-13CA
-
-
11.1
12.4
13.7
1.0
18.2
22.0
5
TGL41-15
TGL41-15C
-
-
12.1
13.5
16.5
1.0
22.0
18.2
5
TGL41-15A
TGL41-15CA
-
-
12.8
14.3
15.8
1.0
21.2
18.9
5
TGL41-16
TGL41-16C
-
-
12.9
14.4
17.6
1.0
23.5
17.0
5
TGL41-16A
TGL41-16CA
-
-
13.6
15.2
16.8
1.0
22.5
17.8
5
TGL41-18
TGL41-18C
-
-
14.5
16.2
19.8
1.0
26.5
15.1
5
TGL41-18A
TGL41-18CA
-
-
15.3
17.1
18.9
1.0
25.2
15.9
5
TGL41-20
TGL41-20C
-
-
16.2
18.0
22.0
1.0
29.1
13.7
5
TGL41-20A
TGL41-20CA
-
-
17.1
19.0
21.0
1.0
27.7
14.4
5
TGL41-22
TGL41-22C
-
-
17.8
19.8
24.2
1.0
31.9
12.5
5
TGL41-22A
TGL41-22CA
-
-
18.8
20.9
23.1
1.0
30.6
13.1
5
TGL41-24
TGL41-24C
-
-
19.4
21.6
26.4
1.0
34.7
11.5
5
TGL41-24A
TGL41-24CA
-
-
20.5
22.8
25.2
1.0
33.2
12.0
5
TGL41-27
TGL41-27C
-
-
21.8
24.3
29.7
1.0
39.1
10.2
5
TGL41-27A
TGL41-27CA
-
-
23.1
25.7
28.4
1.0
37.5
10.7
5


Similar Part No. - TGL41-82CA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TGL41-82CA MICROSEMI-TGL41-82CA Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
More results

Similar Description - TGL41-82CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com