Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR6B6K06 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SR6B6K06
Description  General Purpose Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SR6B6K06 Datasheet(HTML) 1 Page - Tyco Electronics

  SR6B6K06 Datasheet HTML 1Page - Tyco Electronics SR6B6K06 Datasheet HTML 2Page - Tyco Electronics SR6B6K06 Datasheet HTML 3Page - Tyco Electronics SR6B6K06 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
Rev. FC1
Issued 2006/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Safety Relay SR6
I 6 pole safety relay with either
4 NO+2 NC or 3 NO+3 NC or 5 NO+1 NC contacts
I Forcibly guided contacts according to EN50205
I Rated current 8 A
I coil power 800 mW or 1200 mW
I RoHS compliant (Directive 2002/95/EC)
Applications
Emergency shut-off, press control, machine control, elevator
and escalator control, safety modules
F0206-DS
Approvals (in preperation)
V REG.-Nr. 128935, Z E214024, T
Technical data of approved types on request
Contact data
Contact configuration
3 NO contacts and 3 NC contacts
4 NO contacts and 2 NC contacts
5 NO contacts and 1 NC contact
Contact set
single contact, forcibly guided
type A according to EN 50205
Type of interruption
micro disconnection
Rated current
8 A
Rated voltage / max.switching voltage AC
240 / 400 VAC
Maximum breaking capacity AC
2000 VA
Contact material
800 mW version
AgSnO2 + 0,2 μm Au
1200 mW version
AgSnO2
Minimum contact load
10 mA / 5 V
Contact resistance
w 100 mOhm / 1 A / 24 VDC
w 20 Ohm / 10 mA / 5 VDC
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
6 min-1 / 150 min-1
Contact ratings
Type
Load
Cycles
SR6 NO contact
8A, 250VAC, resistiv, 70°C, EN61810-1
50x103
SR6 NC contact
8A, 250VAC, resistiv, 70°C, EN61810-1
20x103
SR6 NO contact
5A, 250VAC, AC15, 70°C, EN60947-5-1
50x103
SR6 NO contact
5A, 24VDC, DC13, 25°C, EN60947-5-1
45x103
Coil data
800 mW
1200 mW
Rated coil voltage range DC coil
5...110 VDC
Coil power DC coil
appr. 800 mW
appr. 1200 mW
Operative range
2
Coil versions, 800 mW, DC-coil
Coil code
Nominal
Pull-in
Release
Coil
Rated coil
Order. code
voltage
voltage
voltage
resistance
power
block 4
VDC
VDC
VDC
c
mW
K05
5
3.8
0.5
31+10%
806
K06
6
4.5
0.6
45+10%
800
K09
9
6.8
0.9
101+10%
802
K12
12
9.0
1.2
180+10%
800
K18
18
13.5
1.8
405+10%
800
K21
21
15.8
2.1
551+10%
800
K24
24
18.0
2.4
720+10%
800
K36
36
27.0
3.6
1620+10%
800
K40
40
30.0
4.0
2000+10%
800
K48
48
36.0
4.8
2880+10%
800
K60
60
45.0
6.0
4500+10%
800
K85
85
63.8
8.5
9031+10%
800
L10
110
82.5
11.0
15130+10%
800
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - SR6B6K06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SR6B6K12 MACOM-SR6B6K12 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6B6K12 MACOM-SR6B6K12 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
logo
TE Connectivity Ltd
SR6B6K12 TEC-SR6B6K12 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
logo
Tyco Electronics
SR6B6K15 MACOM-SR6B6K15 Datasheet
338Kb / 4P
   Safety Relay SR6
SR6B6K15 MACOM-SR6B6K15 Datasheet
675Kb / 3P
   General Purpose Relays, Force Guided Relays
More results

Similar Description - SR6B6K06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
Tyco Electronics
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com