Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF355 Datasheet(PDF) 6 Page - Tyco Electronics

Part # HF355
Description  Signal and RF Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HF355 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button HF355 Datasheet HTML 2Page - Tyco Electronics HF355 Datasheet HTML 3Page - Tyco Electronics HF355 Datasheet HTML 4Page - Tyco Electronics HF355 Datasheet HTML 5Page - Tyco Electronics HF355 Datasheet HTML 6Page - Tyco Electronics HF355 Datasheet HTML 7Page - Tyco Electronics HF355 Datasheet HTML 8Page - Tyco Electronics HF355 Datasheet HTML 9Page - Tyco Electronics HF355 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AXICOM
Telecom-, Signal and RF Relays
HF3 Relay
108-98000 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
 of 1
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U
nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U
min
Maximum
voltage U
max
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Non-Latching, 1 coil, 50 Ω version
3
2.25
6.50
0.30
140
64
HF3 51
1462051-1
4.5
3.38
9.80
0.45
140
145
HF3 52
1-1462051-6
5
3.75
10.90
0.50
140
178
HF3 53
1462051-2
6
4.50
13.00
0.60
140
257
HF3 54
1-1462051-7
9
6.75
19.60
0.90
140
574
HF3 55
1462051-3
12
9.00
26.10
1.20
140
1028
HF3 56
1462051-4
24
18.00
52.30
2.40
140
4114
HF3 57
1462051-5
Latching, 1 coil, 50 Ω version
3
2.25
9.20
2.25
70
128
HF3 71
1462051-6
4.5
3.38
13.85
3.38
70
289
HF3 72
1-1462051-8
5
3.75
15.30
3.75
70
357
HF3 73
1462051-7
6
4.50
18.50
4.50
70
514
HF3 74
1-1462051-9
9
6.75
27.70
6.75
70
1157
HF3 75
1462051-8
12
9.00
37.00
9.00
70
2057
HF3 76
1462051-9
24
18.00
74.00
18.00
70
8228
HF3 77
1-1462051-0
Latching, 2 coils, 50 Ω version
3
2.25
6.50
2.25
140
64
HF3 91
1-1462051-1
4.5
3.38
9.80
3.38
140
145
HF3 92
2-1462051-0
5
3.75
10.90
3.75
140
178
HF3 93
1-1462051-2
6
4.50
13.00
4.50
140
257
HF3 94
2-1462051-1
9
6.75
19.60
6.75
140
574
HF3 95
1-1462051-3
12
9.00
26.10
9.00
140
1028
HF3 96
1-1462051-4
24
18.00
52.30
18.00
140
4114
HF3 97
1-1462051-5
Non-Latching, 1 coil, 75 Ω version
3
2.25
6.50
0.30
140
64
HF3 01
1462050-1
4.5
3.38
9.80
0.45
140
145
HF3 02
1-1462050-6
5
3.75
10.90
0.50
140
178
HF3 03
1462050-2
6
4.50
13.00
0.60
140
257
HF3 04
1-1462050-7
9
6.75
19.60
0.90
140
574
HF3 05
1462050-3
12
9.00
26.10
1.20
140
1028
HF3 06
1462050-4
24
18.00
52.30
2.40
140
4114
HF3 07
1462050-5
Latching, 1 coil, 75 Ω version
3
2.25
9.20
2.25
70
128
HF3 21
1462050-6
4.5
3.38
13.85
3.38
70
289
HF3 22
1-1462050-8
5
3.75
15.30
3.75
70
357
HF3 23
1462050-7
6
4.50
18.50
4.50
70
514
HF3 24
1-1462050-9
9
6.75
27.70
6.75
70
1157
HF3 25
1462050-8
12
9.00
37.00
9.00
70
2057
HF3 26
1462050-9
24
18.00
74.00
18.00
70
8228
HF3 27
1-1462050-0
Latching, 2 coils, 75 Ω version
3
2.25
6.50
2.25
140
64
HF3 41
1-1462050-1
4.5
3.38
9.80
3.38
140
145
HF3 42
2-1462050-0
5
3.75
10.90
3.75
140
178
HF3 43
1-1462050-2
6
4.50
13.00
4.50
140
257
HF3 44
2-1462050-1
9
6.75
19.60
6.75
140
574
HF3 45
1-1462050-3
12
9.00
26.10
9.00
140
1028
HF3 46
1-1462050-4
24
18.00
52.30
18.00
140
4114
HF3 47
1-1462050-5
Values given are valid for the coil at ambient temperature of 23 °C after preenergizing with nominal voltage without contact current.


Similar Part No. - HF355

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HF355 MACOM-HF355 Datasheet
645Kb / 6P
   RF Signal Relays
More results

Similar Description - HF355

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
   RF Signal Relays
logo
Tyco Electronics
9-1462038-9 MACOM-9-1462038-9 Datasheet
3Mb / 7P
   Signal Relays
V23079A1005B301 MACOM-V23079A1005B301 Datasheet
2Mb / 8P
   Signal Relays
logo
TE Connectivity Ltd
IM-B TEC-IM-B Datasheet
2Mb / 4P
   Signal Relays
logo
List of Unclassifed Man...
HRA ETC1-HRA Datasheet
400Kb / 3P
   Signal Relays
29/06/20
logo
Tyco Electronics
4-1393789-5 MACOM-4-1393789-5 Datasheet
1Mb / 8P
   Signal Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
   RF Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
   RF Relays
logo
Kemet Corporation
EC2-5NU KEMET-EC2-5NU Datasheet
86Kb / 1P
   Relays, Signal, EC2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com