Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE014005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PE014005
Description  Miniature PCB Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE014005 Datasheet(HTML) 1 Page - Tyco Electronics

  PE014005 Datasheet HTML 1Page - Tyco Electronics PE014005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. GC1
Issued 2007/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature PCB Relay PE
I 1 pole 5 A, 1 CO or 1 NO contact
I Cadmium-free contacts
I Sensitive coil 200 mW
I 4 kV coil-contact
I Ambient temperature 85°C
I Low height 10.0 mm
I Plastic materials according to IEC60335-1 (domestic appliances)
I RoHS compliant (Directive 2002/95/EC) as per product date
code 0352
Applications
Industrial electronics, white goods, measurement and control
F0169-B
Approvals
V REG.-Nr. 6656, Z E214025 (for version with 1 NO in process)
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated current
5 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
1250 VA
Contact material
AgNi90/10
Mechanical endurance
15x106 cycles
Rated frequency of operation with / without load
6/1200 min-1
Contact ratings
Type
Load
Cycles
PE014
5 A, 250 VAC, resistive, 85°C, 6 cycles/min, 50% df, EN61810-1
1x105
PE014
5 A, 30 VDC,resistive, on NO-contact, 85°C, 6 cycles/min,
50% duty factor, EN61810-1,
1x105
PE014
5 A, 240 VAC resistive load, on NO or NC contact, UL508
1x105
PE034
5 A, 250 VAC, resistive, 85°C, 6 cycles/min, 50% df, EN61810-1
1x105
PE034
5 A, 30 VDC,resistive, 85°C, 6 cycles/min,
50% duty factor, EN61810-1,
1x105
PE034
5 A, 240 VAC resistive load, UL508
1x105
Coil data
Rated coil voltage range DC coil
5...48 VDC
Coil power DC coil
typ. 200 mW
Operative range
2
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
003
3
2.25
0.3
45+10%
200
005
5
3.8
0.5
125+10%
200
006
6
4.5
0.6
172+10%
209
012
12
9.0
1.2
685+10%
210
024
24
18.0
2.4
2725+10%
211
048
48
36.0
4.8
10970+10%
210
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PE014005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE014005 MACOM-PE014005 Datasheet
152Kb / 2P
   Miniature PCB Relay PE
PE014005 MACOM-PE014005_05 Datasheet
152Kb / 2P
   Miniature PCB Relay PE
More results

Similar Description - PE014005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
   Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com