Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2100L-10S Datasheet(PDF) 1 Page - Anaren Microwave

Part # XC2100L-10S
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2100L-10S Datasheet(HTML) 1 Page - Anaren Microwave

  XC2100L-10S Datasheet HTML 1Page - Anaren Microwave XC2100L-10S Datasheet HTML 2Page - Anaren Microwave XC2100L-10S Datasheet HTML 3Page - Anaren Microwave XC2100L-10S Datasheet HTML 4Page - Anaren Microwave XC2100L-10S Datasheet HTML 5Page - Anaren Microwave XC2100L-10S Datasheet HTML 6Page - Anaren Microwave XC2100L-10S Datasheet HTML 7Page - Anaren Microwave XC2100L-10S Datasheet HTML 8Page - Anaren Microwave XC2100L-10S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2100A-20
Rev D
t
20 dB Directional Coupler
Description
The XC2100A-20 is a low profile, high performance 20dB directional
coupler in a new easy to use, manufacturing friendly surface mount
package. It is designed for UMTS and other 3G applications. The
XC2100A-20 is designed particularly for power and frequency detection, as
well as for VSWR monitoring, where tightly controlled coupling and low
insertion loss is required. It can be used in high power applications up to
150 Watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion (CTE)
compatible with common substrates such as FR4, G-10, RF-35, RO4350,
and polyimide. Available in both 5 of 6 tin lead (XC2100A-20P) and 6 of 6
tin immersion (XC2100A-20S) RoHS compliant finishes.
Electrical Specifications
**
Frequency
Mean
Coupling
Insertion
Loss
VSWR
Directivity
MHz
dB
dB Max
Max : 1
dB Min
2000-2300
20.1 ± 0.60
0.15
1.15
23
2110-2170
20.0 ± 0.50
0.12
1.12
25
Frequency
Sensitivity
Power
ΘJC
Operating
Temp.
dB Max
Avg. CW Watts
ºC/Watt
ºC
± 0.12
120
25
-55 to +95
± 0.05
150
25
-55 to +95
Features:
• 2000 – 2300 MHz
• UMTS and other 3G
• High Power
• Very Low Loss
• Tight Coupling
• High Directivity
• Production Friendly
• Tape and Reel
• Available in Lead-Free (as
illustrated) or Tin-Lead
• Reliable, FIT=0.41
**Specification based on performance of unit properly installed on Anaren Test Board 54606-0003 with small
signal applied. Specifications subject to change without notice. Refer to parameter definitions for details.
XC2100A-20* Mechanical Outline
Dimensions are in Inches [Millimeters]
Side View
.060±.120
[1.52±3.05]
Bottom View (Far-Side)
Top View (Near-Side)
Denotes
Array Number
4X .040±.004
[1.02±0.10]
4X .059±.004 SQ
[1.50±0.10]
.430±.004
[10.92±0.10]
.220±.004
[5.59±0.10]
GND
GND
Pin 1
Pin 2
Pin 3
Pin 4
Pin 1
Pin 2
Pin 4
Pin 3
.560±.010
[14.22±0.25]
.350±.010
[8.89±0.25]
Orientation
Marker Denotes
Pin 1
*For RoHS Compliant Versions order with S suffix
Tolerances are Non-Cumulative


Similar Part No. - XC2100L-10S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC2100L-10S ANAREN-XC2100L-10S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC2100L-10S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com