Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3291 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3291
Description  Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3291 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3291 Datasheet HTML 1Page - Allegro MicroSystems A3291 Datasheet HTML 2Page - Allegro MicroSystems A3291 Datasheet HTML 3Page - Allegro MicroSystems A3291 Datasheet HTML 4Page - Allegro MicroSystems A3291 Datasheet HTML 5Page - Allegro MicroSystems A3291 Datasheet HTML 6Page - Allegro MicroSystems A3291 Datasheet HTML 7Page - Allegro MicroSystems A3291 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Chopper Stabilized, Precision Hall Effect Latches
for Consumer and Industrial Applications
A3290 and
A3291
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS over operating temperature range, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max
Units
Supply Voltage Range2
VCC
Operating, TJ < 165°C
4.2
24
V
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
––
10
μA
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
185
500
mV
Output Current Limit
ION
B > BOP
30
60
mA
Power-On Time
tPO
VCC > 4.2 V
50
μs
Chopping Frequency
fC
800
kHz
Output Rise Time
tR
RLOAD = 820 Ω, CLOAD = 20 pF
0.2
2.0
μs
Output Fall Time
tF
RLOAD = 820 Ω, CLOAD = 20 pF
0.1
2.0
μs
Supply Current
ICC
B < BRP, VCC = 12 V
3.0
8.0
mA
B > BOP, VCC = 12 V
4.0
8.0
mA
Reverse Battery Current
IRCC
VRCC = –30 V
–5.0
mA
Zener Voltage
VZ + VD
ICC = 15 mA, TA = 25°C
28
V
Zener Impedance
ZZ + ZD
ICC = 15 mA, TA = 25°C
50
Ω
1Typical data at TA = 25°C, 12 V.
2Maximum VCC must be derated for power dissipation and junction temperature. See application information.
MAGNETIC CHARACTERISTICS1 over VCC range, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Max.
Units
Operate Point2
BOP
A3290
TA = 25°C and TA(max)
550
G
TA = –40°C
550
G
A3291
TA = 25°C and TA(max)
10
100
G
TA = –40°C
10
100
G
Release Point3
BRP
A3290
TA = 25°C and TA(max)
–50
–5
G
TA = –40°C
–50
–5
G
A3291
TA = 25°C and TA(max)
–100
–10
G
TA = –40°C
–100
–10
G
Hysteresis (BOP – BRP)
BHYS
A3290
TA = 25°C and TA(max)
10
100
G
TA = –40°C
100
G
A3291
TA = 25°C and TA(max)
20
200
G
TA = –40°C
200
G
1The positive polarity symbol (+) indicates south magnetic field, and the negative polarity symbol (–) indicates north magnetic field.
2Required polarity observed and transition of magnetic gradient through BOP. See functional description.
3Required polarity observed and transition of magnetic gradient through BRP after BOP. See functional description.


Similar Part No. - A3291

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3291KLHLT-T ALLEGRO-A3291KLHLT-T Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3291KLHLX-T ALLEGRO-A3291KLHLX-T Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3291KUA-T ALLEGRO-A3291KUA-T Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
More results

Similar Description - A3291

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
APS12202 ALLEGRO-APS12202 Datasheet
2Mb / 12P
   Chopper-Stabilized, Precision Hall-Effect Latches for Automotive, Consumer, and Industrial Applications
March 15, 2023
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
logo
Allegro MicroSystems
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com