Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3906 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3906
Description  Low Voltage Stepper and Single/Dual DC Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3906 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3906 Datasheet HTML 2Page - Allegro MicroSystems A3906 Datasheet HTML 3Page - Allegro MicroSystems A3906 Datasheet HTML 4Page - Allegro MicroSystems A3906 Datasheet HTML 5Page - Allegro MicroSystems A3906 Datasheet HTML 6Page - Allegro MicroSystems A3906 Datasheet HTML 7Page - Allegro MicroSystems A3906 Datasheet HTML 8Page - Allegro MicroSystems A3906 Datasheet HTML 9Page - Allegro MicroSystems A3906 Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Low Voltage Stepper and Single/Dual DC Motor Driver
A3906
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ES Package, 20-Contact QFN with Exposed Thermal Pad
Copyright ©2008, Allegro MicroSystems, Inc.
The products described here are manufactured under one or more U.S. patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to per-
mit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com
0.95
C
SEATING
PLANE
C
0.08
21X
20
20
2
1
1
2
20
2
1
A
A Terminal #1 mark area
Coplanarity includes exposed thermal pad and terminals
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
For Reference Only
(reference JEDEC MO-220WGGD)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown
C
D
D
C
Reference land pattern layout (reference IPC7351
QFN50P400X400X80-21BM)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances; when
mounting on a multilayer PCB, thermal vias at the exposed thermal pad land
can improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5)
4.10
0.30
0.50
4.10
0.50
0.75 ±0.05
2.45
2.45
0.25 +0.05
–0.07
0.40 +0.15
–0.10
4.00 ±0.15
4.00 ±0.15
2.45
2.45
B
PCB Layout Reference View


Similar Part No. - A3906

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3906-0000T 3M-A3906-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-0010T 3M-A3906-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-2000T 3M-A3906-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-2010T 3M-A3906-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3906SESTR-T ALLEGRO-A3906SESTR-T Datasheet
274Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
More results

Similar Description - A3906

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3906 ALLEGRO-A3906_16 Datasheet
274Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
logo
STMicroelectronics
STSPIN220 STMICROELECTRONICS-STSPIN220 Datasheet
902Kb / 27P
   Low voltage stepper motor driver
Rev 4 - March 2019
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
DRV8834 TI-DRV8834 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
logo
TRINAMIC Motion Control...
TMC2300 TRINAMIC-TMC2300 Datasheet
537Kb / 1P
   TMC2300 low voltage stepper motor driver
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com