Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3906 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3906
Description  Low Voltage Stepper and Single/Dual DC Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3906 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3906 Datasheet HTML 1Page - Allegro MicroSystems A3906 Datasheet HTML 2Page - Allegro MicroSystems A3906 Datasheet HTML 3Page - Allegro MicroSystems A3906 Datasheet HTML 4Page - Allegro MicroSystems A3906 Datasheet HTML 5Page - Allegro MicroSystems A3906 Datasheet HTML 6Page - Allegro MicroSystems A3906 Datasheet HTML 7Page - Allegro MicroSystems A3906 Datasheet HTML 8Page - Allegro MicroSystems A3906 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Voltage Stepper and Single/Dual DC Motor Driver
A3906
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
9.6
V
Logic Input Voltage Range
VIN
–0.3 to 7
V
Sense Voltage
VSENSEx
Continuous
0.5
V
Pulsed, tw < 1 μs1
V
Output Current
IOUT
May be limited by duty cycle, ambient
temperature, and heat sinking. Under
any set of conditions, do not exceed
the specified current rating or a junction
temperature of 150°C.
Continuous
1
A
Peak, DC < 30%
1.5
A
Output Current in Paralleled
Operation
IOUT(par)
Continuous
2
A
Peak, DC < 30%
2.5
A
Operating Temperature Range
TA
Range S
–20 to 85
°C
Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
Tstg
–40 to 150
°C
Selection Guide
Part Number
Packing
Package
A3906SES-T
92 pieces per tube
20-pin QFN with exposed thermal pad
A3906SESTR-T
1500 pieces per 7-in. reel
Thermal Characteristics may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
4-layer PCB based on JEDEC standard
37
ºC/W
*Additional thermal information available on the Allegro website.
Terminal List Table
Number
Name
Function
1
CP2
Charge pump capacitor terminal 2
2
GND
Ground
3
SLEEP
Sleep logic input, active low
4
IN1
Control input
5
IN2
Control input
6
IN3
Control input
7
IN4
Control input
8
FL1
Current limit flag, bridge 1
9
FL2
Current limit flag bridge 2
10
OUT2A
DMOS full-bridge 2, output A
11
SENSE2
Current sense resistor terminal, bridge 2
12
OUT2B
DMOS full-bridge 2, output B
13
VBB
Supply Voltage
14
OUT1B
DMOS full-bridge 1, output B
15
SENSE1
Current sense resistor terminal, bridge 1
16
OUT1A
DMOS full-bridge 1, output A
17
VCP
Reservoir capacitor terminal
18
CP3
Charge pump capacitor terminal 3
19
CP1
Charge pump capacitor terminal 1
20
CP4
Charge pump capacitor terminal 4
PAD
Exposed pad for enhanced thermal performance
PAD
15
14
13
12
11
1
2
3
4
5
SENSE1
OUT1B
VBB
OUT2B
SENSE2
CP2
GND
SLEEP
IN1
IN2
Pin-out Diagram


Similar Part No. - A3906

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3906-0000T 3M-A3906-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-0010T 3M-A3906-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-2000T 3M-A3906-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3906-2010T 3M-A3906-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
logo
Allegro MicroSystems
A3906SESTR-T ALLEGRO-A3906SESTR-T Datasheet
274Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
More results

Similar Description - A3906

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3906 ALLEGRO-A3906_16 Datasheet
274Kb / 10P
   Low Voltage Stepper and Single/Dual DC Motor Driver
logo
STMicroelectronics
STSPIN220 STMICROELECTRONICS-STSPIN220 Datasheet
902Kb / 27P
   Low voltage stepper motor driver
Rev 4 - March 2019
logo
Texas Instruments
DRV8821 TI1-DRV8821_16 Datasheet
4Mb / 32P
[Old version datasheet]   Dual Stepper Motor Controller and Driver
DRV8834 TI-DRV8834 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
logo
TRINAMIC Motion Control...
TMC2300 TRINAMIC-TMC2300 Datasheet
537Kb / 1P
   TMC2300 low voltage stepper motor driver
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com