Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6282EESTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6282EESTR-T
Description  16-Channel Constant-Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6282EESTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6282EESTR-T Datasheet HTML 2Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 3Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 4Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 9Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
16-Channel Constant-Current LED Driver
A6282
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS (continued), at TA1 = 25°C, VDD = 3.0 to 5.5 V, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Unit
SWITCHING CHARACTERISTICS at TA1 = 25°C, VDD = VIH = 5.0 V, VDS = 1 V, VIL = 0 V, REXT = 910 Ω, IO = 21.4 mA, VL = 2 V,
RL = 51 Ω, CL = 15 pF (see also Timing Diagrams section)
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Unit
Clock Frequency
fCLK
CLK
30
MHz
Clock Frequency (cascaded devices)
fCLKC
CLK
25
MHz
Clock Pulse Duration
twh0
CLK = high
16
ns
LE Pulse Duration
twh1
LE = high
20
ns
Setup Time
tsu0
SDI to CLK↑
10
ns
tsu1
CLK↑ to LE↑
10
ns
Hold Time
th0
CLK↑ to SDI
10
ns
th1
LE↓ to CLK↑
10
ns
Rise Time
tr0
SDO, 10/90% points (measurement circuit A)
16
ns
tr1
OUTx, VDD = 5 V,10/90% points (measurement circuit B)
10
30
ns
Fall Time
tf0
SDO, 10/90% points (measurement circuit A)
16
ns
tf1
OUTx, VDD = 5 V,10/90% points (measurement circuit B)
10
30
ns
Propagation Delay Time
tpd0
CLK↑ to SDO↑↓ (measurement circuit A)
30
ns
tpd1
¯O¯¯¯E¯↓ to OUTx↑↓ (measurement circuit B)
60
ns
tpd2
LE↑ to OUTx↑↓ (measurement circuit B)
60
ns
Output Enable Pulse Duration
tw(OE)
(see Timing Diagrams section)
60
ns
1Tested at 25°C. Specifications are assured by design and characterization over the operating temperature range of –40°C to 85°C.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
individual units, within the specified maximum and minimum limits.
Thermal Shutdown Temperature
TJTSD
Temperature increasing
165
°C
Thermal Shutdown Hysteresis
TJTSDhys
–15–°C
Reference Voltage at External
Resistor REXT
VEXT
REXT = 374 
1.21
V
1Tested at 25°C. Specifications are assured by design and characterization over the operating temperature range of –40°C to 85°C.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
individual units, within the specified maximum and minimum limits.
3Err = (IO(min or max) – IO(av)) / IO(av). IO(av) is the average current of all outputs. IO(min or max) is the output current with the greatest
difference from IO(av).
4Recommended operating range: VO = 1.0 to 3.0 V.
SDO
15 pF
OUTx
A6282
RL
VL
CL
A6282
Parameter Measurement Circuits
(A) Circuit for tf0, tpd0, and tr0
(B) Circuit for tf1, tpd1, tpd2, and tr1.


Similar Part No. - A6282EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
   16-Channel Constant-Current LED Driver
More results

Similar Description - A6282EESTR-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com