Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6282EESTR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A6282EESTR-T
Description  16-Channel Constant-Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6282EESTR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A6282EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 9Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 10Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 11Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 12Page - Allegro MicroSystems A6282EESTR-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
16-Channel Constant-Current LED Driver
A6282
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package ES, 4 mm x 4 mm, 24-pin QFN with Exposed Thermal Pad
0.90
C
SEATING
PLANE
C
0.08
25X
24
24
2
1
1
2
24
2
1
A
A Terminal #1 mark area
Coplanarity includes exposed thermal pad and terminals
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
For Reference Only
(reference JEDEC MO-220WGGD)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown
C
D
D
C
Reference land pattern layout (reference IPC7351
QFN50P400X400X80-25W6M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances; when
mounting on a multilayer PCB, thermal vias at the exposed thermal pad land
can improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5)
4.00 ±0.15
4.00 ±0.15
4.10
0.30
0.50
4.10
0.50
0.75 ±0.05
2.10
2.10
2.10
2.10
0.25 +0.05
–0.07
0.40 +0.15
–0.10
B
PCB Layout Reference View


Similar Part No. - A6282EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
445Kb / 13P
   16-Channel Constant-Current LED Driver
More results

Similar Description - A6282EESTR-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com