Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C316162VC Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V54C316162VC
Description  200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162VC Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V54C316162VC Datasheet HTML 1Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 2Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 3Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 4Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 5Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 6Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162VC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
V54C316162VC Rev. 1.4 December 2001
MOSEL VITELIC
V54C316162VC
Signal Pin Description
Pin
Name
Input Function
CLK
Clock Input
System clock input. Active on the positive rising edge to sample all inptus
CKE
Clock Enable
Activates the CLK signal when high and deactivates the CLK when low.
CKE low initiates the power down mode, suspend mode, or the self
refresh mode
CS
Chip Select
Disables or enables device operation by masking or enabling all inputs
except CLK, CKE and DQMi
RAS
Row Address Strobe
Latches row addresses on the positive edge of CLK with RAS low.
Enables row access & precharge
CAS
Column Address Strobe
Latches column addresses on the positive edge of CLK with CAS low.
Enables column access
WE
Write Enable
Enables write operation
A0-A10
Address
During a bank activate command, A0-A10 defines the row address.
During a read or write command, A0-A7 defines the column address. In
addition to the column address A10 is used to invoke auto precharge BA
define the bank to be precharged. A10 is low, auto precharge is disabled
during a precharge cycle, If A10 is high, both bank will be precharged ,
if A10 is low, the BA is used to decide which bank to precharge. If A10 is
high, all banks will be precharged.
BA
Bank Select
Selects which bank to activate. BA low select bank A and high selects
bank B
I/O1-I/O16
Data Input/Output
Data inputs/output are multiplexed on the same pins
UDQM, LDQM
Data Input/Output Mask
Makes data output Hi-Z. Blocks data input when DQM is active
VDD/VSS
Power Supply/Ground
Power Supply. +3.3V ± 0.3V/ground
VDDQ/VSSQ
Data Output Power/Ground
Provides isolated power/ground to DQs for improved noise immunity
NC
No Connection


Similar Part No. - V54C316162VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-5 MOSEL-V54C316162V-5 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-55 MOSEL-V54C316162V-55 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-6 MOSEL-V54C316162V-6 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-7 MOSEL-V54C316162V-7 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com