Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC0450L-20S Datasheet(PDF) 7 Page - Anaren Microwave

Part # XC0450L-20S
Description  20 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0450L-20S Datasheet(HTML) 7 Page - Anaren Microwave

Back Button XC0450L-20S Datasheet HTML 3Page - Anaren Microwave XC0450L-20S Datasheet HTML 4Page - Anaren Microwave XC0450L-20S Datasheet HTML 5Page - Anaren Microwave XC0450L-20S Datasheet HTML 6Page - Anaren Microwave XC0450L-20S Datasheet HTML 7Page - Anaren Microwave XC0450L-20S Datasheet HTML 8Page - Anaren Microwave XC0450L-20S Datasheet HTML 9Page - Anaren Microwave XC0450L-20S Datasheet HTML 10Page - Anaren Microwave XC0450L-20S Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2100A-20
Rev D
Notes on RF Testing and Circuit Layout
The XC2100A-20 Surface Mount Couplers require the use of a test fixture for verification of RF performance. This test
fixture is designed to evaluate the coupler in the same environment that is recommended for installation. Enclosed
inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being tested is
placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four port Vector
Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst case values
for each parameter are found and compared to the specification. These worst case values are reported to the test
equipment operator along with a Pass or Fail flag. See the illustrations below.
3 & 5 dB
Test Board
10 & 20 dB
Test Board
Test Board
In Fixture
Test Station


Similar Part No. - XC0450L-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0450L-20S ANAREN-XC0450L-20S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
More results

Similar Description - XC0450L-20S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
   20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
   20 dB Directional Coupler
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
   20 dB Directional Coupler
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
XC1900A-20 ANAREN-XC1900A-20 Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0450E-20S ANAREN-XC0450E-20S Datasheet
570Kb / 23P
   20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler,
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
   20 dB Bi-Directional Coupler
logo
Anaren Microwave
XMC2560A-20 ANAREN-XMC2560A-20 Datasheet
1Mb / 14P
   Wideband 20 dB Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP++ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
   20 dB Bi-Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com