Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27501
Description  System-Side Impedance Track??Fuel Gauge
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27501 Datasheet(HTML) 1 Page - Texas Instruments

  BQ27501 Datasheet HTML 1Page - Texas Instruments BQ27501 Datasheet HTML 2Page - Texas Instruments BQ27501 Datasheet HTML 3Page - Texas Instruments BQ27501 Datasheet HTML 4Page - Texas Instruments BQ27501 Datasheet HTML 5Page - Texas Instruments BQ27501 Datasheet HTML 6Page - Texas Instruments BQ27501 Datasheet HTML 7Page - Texas Instruments BQ27501 Datasheet HTML 8Page - Texas Instruments BQ27501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
INTRODUCTION
1.1 FEATURES
1.2
APPLICATIONS
1.3
DESCRIPTION
HostSystem
Power
Management
Controller
I C
2
LDO
Battery
Low
Warning
bq27500/1
Battery
Good
Voltage
Sense
RID
Sense*
Temp
Sense
Current
Sense
PACK–
PACK+
T
Single-CellLi-Ion
BatteryPack
FETs
CHG
DSG
Protection
IC
*bq27501Only
RID
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
www.ti.com
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
• Battery Fuel Gauge for 1-Series Li-Ion
• Smartphones
Applications
• PDAs
• Resides on System Main Board
• Digital Still and Video Cameras
Works With Embedded or Removable
• Handheld Terminals
Battery Packs
• MP3 or Multimedia Players
• Two Varieties
bq27500: Uses PACK+, PACK–, and T
Battery Terminals
bq27501: Works With Battery ID Resistor in
Battery Pack
The Texas
Instruments
bq27500/01
system-side
Li-Ion
battery
fuel
gauge
is
a
microcontroller
• Microcontroller Peripheral Provides:
peripheral that provides fuel gauging for single-cell
Accurate Battery Fuel Gauging
Li-Ion battery packs. The device requires little system
Internal Temperature Sensor for System
microcontroller
firmware
development.
The
Temperature Reporting
bq27500/01 resides on the system main board, and
Battery Low Interrupt Warning
manages an embedded battery (non-removable) or a
Battery Insertion Indicator
removable battery pack.
Battery ID Detection
96 Bytes of Non-Volatile Scratch-Pad
The
bq27500/01
uses
the
patented
Impedance
FLASH
Track™ algorithm for fuel gauging, and provides
information
such
as
remaining
battery
capacity
• Battery Fuel Gauge Based on Patented
(mAh), state-of-charge (%), run-time to empty (min.),
Impedance Track™ Technology
battery voltage (mV), and temperature (
°C).
Models the Battery Discharge Curve for
Accurate Time-to-Empty Predictions
Battery fuel gauging with the bq27500 requires only
Automatically Adjusts for Battery Aging,
PACK+ (P+), PACK– (P–), and Thermistor (T)
Battery Self-Discharge, and
connections
to
a
removable
battery
pack
or
Temperature/Rate Inefficiencies
embedded
battery.
The
bq27501
works
with
Low-Value Sense Resistor (10 m
Ω or Less)
identification resistors in battery packs to gauge
• I2C™ Interface for Connection to System
batteries of different fundamental chemistries and/or
Microcontroller Port
significantly different rated capacities.
• 12-Pin 2,5-mm × 4-mm SON Package
TYPICAL APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Impedance Track is a trademark of Texas Instruments.
I2C is a trademark of Philips Electronics.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ27501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27501 TI-BQ27501 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27501 TI-BQ27501 Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
BQ27501DRZR TI-BQ27501DRZR Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27501DRZR TI-BQ27501DRZR Datasheet
980Kb / 41P
[Old version datasheet]   System-Side Impedance TracTM Fuel Gauge
BQ27501DRZT TI-BQ27501DRZT Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com