Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C512-25XC6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C512-25XC6E
Description  512 Kbit 64Kb x8 UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-25XC6E Datasheet(HTML) 1 Page - STMicroelectronics

  M27C512-25XC6E Datasheet HTML 1Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 2Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 3Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 4Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 5Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 6Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 7Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 8Page - STMicroelectronics M27C512-25XC6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
November 2004
M27C512
512 Kbit (64K x8) UV EPROM and OTP EPROM
FEATURES SUMMARY
5V ± 10% SUPPLY VOLTAGE in READ
OPERATION
ACCESS TIME: 45ns
LOW POWER “CMOS” CONSUMPTION:
Active Current 30mA
Standby Current 100µA
PROGRAMMING VOLTAGE: 12.75V ± 0.25V
PROGRAMMING TIMES of AROUND 6sec.
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Device Code: 3Dh
PACKAGES
Lead-Free Versions
Figure 1. Packages
1
28
FDIP28W (F)
28
1
PDIP28 (B)
PLCC32 (C)
TSOP28 (N)
8 x 13.4 mm


Similar Part No. - M27C512-25XC6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-25XC6 STMICROELECTRONICS-M27C512-25XC6 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
More results

Similar Description - M27C512-25XC6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com