Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC03DE220HV Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC03DE220HV
Description  Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE220HV Datasheet(HTML) 4 Page - STMicroelectronics

  STC03DE220HV_08 Datasheet HTML 1Page - STMicroelectronics STC03DE220HV_08 Datasheet HTML 2Page - STMicroelectronics STC03DE220HV_08 Datasheet HTML 3Page - STMicroelectronics STC03DE220HV_08 Datasheet HTML 4Page - STMicroelectronics STC03DE220HV_08 Datasheet HTML 5Page - STMicroelectronics STC03DE220HV_08 Datasheet HTML 6Page - STMicroelectronics STC03DE220HV_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
STC03DE220HV
4/7
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at : www.st.com


Similar Part No. - STC03DE220HV_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
More results

Similar Description - STC03DE220HV_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC03DE150 STMICROELECTRONICS-STC03DE150 Datasheet
327Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 3 A - 0.55 ohm
STC03DE170 STMICROELECTRONICS-STC03DE170 Datasheet
329Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 Ohm
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
   Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com