Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC04IE170HV_0611 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STC04IE170HV_0611
Description  Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC04IE170HV_0611 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STC04IE170HV_0611 Datasheet HTML 3Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 4Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 5Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 6Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 7Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 8Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 9Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 10Page - STMicroelectronics STC04IE170HV_0611 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
STC04IE170HV
11/11
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS “AUTOMOTIVE
GRADE” MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2006 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - STC04IE170HV_0611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
More results

Similar Description - STC04IE170HV_0611

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC06IE170HV STMICROELECTRONICS-STC06IE170HV Datasheet
144Kb / 8P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17?
STC04IE170HP STMICROELECTRONICS-STC04IE170HP Datasheet
282Kb / 11P
   Emitter switched bipolar transistor ESBT 1700V - 4A - 0.17OHM
STC04IE170HV STMICROELECTRONICS-STC04IE170HV Datasheet
469Kb / 11P
   Emitter switched bipolar transistor ESBT짰 1700V - 4A - 0.17 W
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC08IE150HV STMICROELECTRONICS-STC08IE150HV_07 Datasheet
276Kb / 11P
   Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC05IE150HP STMICROELECTRONICS-STC05IE150HP Datasheet
145Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12OHM
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com