Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB9NC60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB9NC60
Description  N-CHANNEL 600V - 0.6ohm - 9A - D2PAK/I2PAK PowerMesh?줚I MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB9NC60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB9NC60 Datasheet HTML 2Page - STMicroelectronics STB9NC60 Datasheet HTML 3Page - STMicroelectronics STB9NC60 Datasheet HTML 4Page - STMicroelectronics STB9NC60 Datasheet HTML 5Page - STMicroelectronics STB9NC60 Datasheet HTML 6Page - STMicroelectronics STB9NC60 Datasheet HTML 7Page - STMicroelectronics STB9NC60 Datasheet HTML 8Page - STMicroelectronics STB9NC60 Datasheet HTML 9Page - STMicroelectronics STB9NC60 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STB9NC60 / STPBNC60-1
8/10
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
e
2.4
2.7
0.094
0.106
E
10
10.4
0.393
0.409
L
13.1
13.6
0.515
0.531
L1
3.48
3.78
0.137
0.149
L2
1.27
1.4
0.050
0.055
L
L1
D
L2
P011P5/E
TO-262 (I
2PAK) MECHANICAL DATA


Similar Part No. - STB9NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB9NB50 STMICROELECTRONICS-STB9NB50 Datasheet
93Kb / 8P
   N - CHANNEL ENHANCEMENT MODE Power MESH MOSFET
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
logo
VBsemi Electronics Co.,...
STB9NB60 VBSEMI-STB9NB60 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STB9NK50Z STMICROELECTRONICS-STB9NK50Z Datasheet
572Kb / 12P
   N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
June 2002
STB9NK50Z STMICROELECTRONICS-STB9NK50Z Datasheet
580Kb / 13P
   N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
More results

Similar Description - STB9NC60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB9NB60 STMICROELECTRONICS-STB9NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 0.7ohm - 9A - I2PAK/D2PAK PowerMESH MOSFET
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A D2PAK PowerMesh?줚I MOSFET
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
   N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?줚I MOSFET
STB3NB60 STMICROELECTRONICS-STB3NB60 Datasheet
90Kb / 9P
   N - CHANNEL 600V - 3.3ohm - 3.3A - D2PAK/I2PAK PowerMESH MOSFET
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
STB7NB60 STMICROELECTRONICS-STB7NB60 Datasheet
99Kb / 9P
   N - CHANNEL 600V - 1.0 OMH - 7.2A - I2PAK/D2PAK PowerMESH MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com