Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C316162V-55 Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V54C316162V-55
Description  200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162V-55 Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V54C316162V-55 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 9Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 10Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 11Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 12Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 13Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 14Page - Mosel Vitelic, Corp V54C316162V-55 Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
V54C316162V Rev. 2.9 September 2001
MOSEL VITELIC
V54C316162V
24
tSREX
Self Refresh Exit Time
2 CLK + tRC
2CLK + tRC
6
Read Cycle
25
tOH
Data Out Hold Time
2.5
2.5
2.5
2.5
ns
27
tHZ
CAS Latency = 3
CAS Latency = 2
5
7
5.3
7
5.5
7
5.5
7
ns
28
tDQZ
DQM Data Out Disable Latency
2
2
2
2
CLK
Write Cycle
29
tWR
Write Recovery Time
CAS Latency = 3
CAS Latency = 2
5
10
5.5
10
6
10
7
10
ns
ns
30
tDQW
DQM Write Mask Latency
0
0
0
0
CLK
AC Characteristics (1,2,3) (Continued)
TA =0 to 70°C; VSS =0V; VCC =3.3 V ± 0.3 V, tT =1 ns
#
Symbol Parameter
Limit Values
Unit
-5
-55
-6
-7
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Notes for AC Parameters:
1.
For proper power-up see the operation section of this data sheet.
2.
AC timing tests have VIL = 0.8V and VIH = 2.0V with the timing referenced to the 1.4 V crossover point. The transition
time is measured between VIH and VIL. All AC measurements assume tT = 1ns with the AC output load circuit shown
in Figure 1.
3.
If clock rising time is longer than 1 ns, a time (tT/2 – 0.5) ns has to be added to this parameter.
4.
If tT is longer than 1 ns, a time (tT – 1) ns has to be added to this parameter.
5.
These parameter account for the number of clock cycle and depend on the operating frequency of the clock, as
follows:
the number of clock cycle = specified value of timing period (counted in fractions as a whole number)
6.
Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high.
Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command
is registered.
1.4V
1.4V
tCS
tCH
tAC
tAC
tLZ
tOH
tHZ
CLK
COMMAND
OUTPUT
50 pF
I/O
Z=50 Ohm
+1.4 V
50 Ohm
VIH
VIL
tT
Figure 1.
tCK


Similar Part No. - V54C316162V-55

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-5 MOSEL-V54C316162VC-5 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-55 MOSEL-V54C316162VC-55 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-6 MOSEL-V54C316162VC-6 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC-7 MOSEL-V54C316162VC-7 Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162V-55

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162VC MOSEL-V54C316162VC Datasheet
339Kb / 22P
   200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com