Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V54C316162VC-5 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V54C316162VC-5
Description  200/183/166/143 MHz 3.3 VOLT, 2K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C316162VC-5 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V54C316162VC-5 Datasheet HTML 1Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 2Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 3Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 4Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 5Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 6Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 7Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 8Page - Mosel Vitelic, Corp V54C316162VC-5 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MOSEL VITELIC
1
V54C316162VC
200/183/166/143 MHz 3.3 VOLT, 2K REFRESH
ULTRA HIGH PERFORMANCE
1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162VC Rev. 1.4 December 2001
V54C316162VC
-5
-55
-6
-7
Unit
Clock Frequency (tCK)
200
183
166
143
MHz
Latency
3333
clocks
CycleTime(tCK)5
5.5
6
7
ns
Access Time (tAC)
5
5.3
5.5
5.5
ns
Features
s JEDEC Standard 3.3V Power Supply
s The V54C316162VC is ideally suited for high
performance graphics peripheral applications
s Single Pulsed RAS Interface
s Programmable CAS Latency: 2, 3
s All Inputs are sampled at the positive going edge
of clock
s Programmable Wrap Sequence: Sequential or
Interleave
s Programmable Burst Length: 1, 2, 4, 8 and Full
Page for Sequential and 1, 2, 4, 8 for Interleave
s UDQM & LDQM for byte masking
s Auto & Self Refresh
s 2K Refresh Cycles/32 ms
s Burst Read with Single Write Operation
Description
The V54C316162VC is a 16,777,216 bits syn-
chronous high data rate DRAM organized as 2 x
524,288 words by 16 bits. The device is designed to
comply with JEDEC standards set for synchronous
DRAM products, both electrically and mechanically.
Synchronous design allows precise cycle control
with the system clock. The CAS latency, burst
length and burst sequence must be programmed
into device prior to access operation.


Similar Part No. - V54C316162VC-5

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-5 MOSEL-V54C316162V-5 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-55 MOSEL-V54C316162V-55 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-6 MOSEL-V54C316162V-6 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C316162V-7 MOSEL-V54C316162V-7 Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
More results

Similar Description - V54C316162VC-5

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C316162V MOSEL-V54C316162V Datasheet
322Kb / 21P
   200/183/166/143 MHz 3.3 VOLT, 4K REFRESH ULTRA HIGH PERFORMANCE 1M X 16 SDRAM 2 BANKS X 512Kbit X 16
V54C333322V MOSEL-V54C333322V Datasheet
124Kb / 21P
   200/183/166 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 1M X 32 SDRAM 2 BANKS X 512Kbit X 32
V54C365324V MOSEL-V54C365324V Datasheet
353Kb / 21P
   200/183/166/143 MHz 3.3 VOLT ULTRA HIGH PERFORMANCE 2M X 32 SDRAM 4 BANKS X 512Kbit X 32
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365164VC MOSEL-V54C365164VC Datasheet
1Mb / 54P
   HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
   1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com