Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGW38IH120D Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGW38IH120D
Description  30 A - 1200 V - very fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW38IH120D Datasheet(HTML) 3 Page - STMicroelectronics

  STGW38IH120D Datasheet HTML 1Page - STMicroelectronics STGW38IH120D Datasheet HTML 2Page - STMicroelectronics STGW38IH120D Datasheet HTML 3Page - STMicroelectronics STGW38IH120D Datasheet HTML 4Page - STMicroelectronics STGW38IH120D Datasheet HTML 5Page - STMicroelectronics STGW38IH120D Datasheet HTML 6Page - STMicroelectronics STGW38IH120D Datasheet HTML 7Page - STMicroelectronics STGW38IH120D Datasheet HTML 8Page - STMicroelectronics STGW38IH120D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STGW38IH120D
Electrical ratings
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
1200
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at 25 °C
60
A
IC
(1)
Collector current (continuous) at 100 °C
30
A
ICL
(2)
2.
Vclamp = 80% of VCES, Tj =150 °C, RG=10 Ω, VGE=15 V
Turn-off latching current
45
A
ICP
(3)
3.
Pulse width limited by max. junction temperature allowed
Pulsed collector current
45
A
VGE
Gate-emitter voltage
±25
V
PTOT
Total dissipation at TC = 25 °C
235
W
IF
Diode RMS forward current at TC = 25 °C
30
A
IFSM
Surge non repetitive forward current tp = 10 ms
sinusoidal
100
A
Tj
Operating junction temperature
–55 to 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case IGBT max.
0.53
°C/W
Rthj-case
Thermal resistance junction-case diode max.
1.36
°C/W
Rthj-amb
Thermal resistance junction-ambient max.
40
°C/W
I
C
T
C
()
T
JMAX
T
C
R
THJ
C
V
CESAT MAX
()
T
C
I
C
,
()
×
------------------------------------------------------------------------------------------------------
=


Similar Part No. - STGW38IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
   33 A - 1300 V - very fast IGBT
More results

Similar Description - STGW38IH120D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
   30 A - 1200 V - very fast IGBT
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
   7 A, 1200 V very fast IGBT
June 2012
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
   7 A, 1200 V very fast IGBT with ultrafast diode
January 2011 Rev 4
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGW38IH130D STMICROELECTRONICS-STGW38IH130D Datasheet
822Kb / 17P
   33 A - 1300 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com