Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56800E Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 56800E
Description  16-bit Digital Signal Controllers
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56800E Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  56800E Datasheet HTML 1Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 2Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 3Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 4Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 5Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 6Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 7Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 8Page - Freescale Semiconductor, Inc 56800E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
56F827 Technical Data, Rev. 12
4
Freescale Semiconductor
Part 1 Overview
1.1 56F827 Features
1.1.1
Processing Core
Efficient 16-bit 56800 family processor engine with dual Harvard architecture
As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Two 36-bit accumulators including extension bits
16-bit bidirectional shifter
Parallel instruction set with unique processor addressing modes
Hardware DO and REP loops
Three internal address buses and one external address bus
Four internal data buses and one external data bus
Instruction set supports both DSP and controller functions
Controller style addressing modes and instructions for compact code
Efficient C Compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/OnCE Debug Programming Interface
1.1.2
Memory
Harvard architecture permits as many as three simultaneous accesses to Program and Data memory
On-chip memory including a low-cost, high-volume Flash solution
— 64K words of Program Flash
—1K words of Program RAM
— 4K words of Data RAM
— 4K words of Data Flash
Off-chip memory expansion capabilities programmable for 0, 4, 8, or 12 wait states
— As much as 64 K
× 16 Data memory
— As much as 64 K
× 16 Program memory
1.1.3
Peripheral Circuits for 56F827
One 10 channel, 12-bit, Analog-to-Digital Converter (ADC)
One General Purpose Quad Timer totaling 4 pins
One Serial Peripheral Interface with configurable four-pin port multiplexed with two Serial
Communications Interfaces totalling 4 pins or 4 GPIO pins
Three Serial Communication Interfaces with 2 pins each (or 6 additional GPIO pins)
Two Serial Peripheral Interface with configurable four-pin port (or 4 additional GPIO pins)


Similar Part No. - 56800E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56800E NXP-56800E Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
Rev. 8 01/2007
56800E NXP-56800E Datasheet
2Mb / 60P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
56800E NXP-56800E Datasheet
2Mb / 60P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
56800E NXP-56800E Datasheet
1Mb / 52P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - 56800E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com