Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG3533PVBL Datasheet(PDF) 3 Page - Humirel

Part # HTG3533PVBL
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3533PVBL Datasheet(HTML) 3 Page - Humirel

  HTG3533PVBL Datasheet HTML 1Page - Humirel HTG3533PVBL Datasheet HTML 2Page - Humirel HTG3533PVBL Datasheet HTML 3Page - Humirel HTG3533PVBL Datasheet HTML 4Page - Humirel HTG3533PVBL Datasheet HTML 5Page - Humirel HTG3533PVBL Datasheet HTML 6Page - Humirel HTG3533PVBL Datasheet HTML 7Page - Humirel HTG3533PVBL Datasheet HTML 8Page - Humirel HTG3533PVBL Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007
3
Nomenclature
HTG3XYZ yyy
SPECIFIC ELECTRICAL AND METROLOGICAL CHARACTERISTICS
Electrical Characteristics
HTG35Y3
Voltage Supply (1) (2)
Vcc
3
3.3
3.46
Vdc
Nominal Output @55%RH
Vout
1.640
1.695
1.750
V
Humidity Average Sensitivity (in continuous and pulsed mode)
mV/RH
-
+18
-
mV/%RH
Current consumption (in continuous and pulsed mode)
Icc
-
1.5
3.0
mA dc
(1) Module is ratiometric to voltage supply
(2) Maximum power supply ramp up time to VCC should be less than 20ms
HTG35Y5
Voltage Supply (1) (2)
Vcc
4.75
5
5.25
Vdc
Nominal Output @55%RH in pulsed mode
Vout
2.510
2.570
2.630
V
Nominal Output @55%RH in continuous mode
Vout
2.420
2.480
2.540
V
Humidity Average Sensitivity in pulsed mode
mV/RH
-
+26
-
mV/%RH
Humidity Average Sensitivity in continuous mode
mV/RH
-
+25
-
mV/%RH
Current consumption (in continuous and pulsed mode)
Icc
-
3.2
mA dc
(1) Module is ratiometric to voltage supply
(2) Maximum power supply ramp up time to VCC should be less than 20ms
Mechanical Package: 1 for Housing 1 with screw/fastener mount capability
3 for Housing 3 with PTFE membrane
Output Type: 4 for Frequency
5 for Voltage
Connector Type
Voltage Supply: 3 for 3.3 Volts
5 for 5 Volts


Similar Part No. - HTG3533PVBL

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3533PVBL HUMIREL-HTG3533PVBL Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3533PVBL

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com