Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG3535PVBL Datasheet(PDF) 10 Page - Humirel

Part # HTG3535PVBL
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3535PVBL Datasheet(HTML) 10 Page - Humirel

Back Button HTG3535PVBL Datasheet HTML 2Page - Humirel HTG3535PVBL Datasheet HTML 3Page - Humirel HTG3535PVBL Datasheet HTML 4Page - Humirel HTG3535PVBL Datasheet HTML 5Page - Humirel HTG3535PVBL Datasheet HTML 6Page - Humirel HTG3535PVBL Datasheet HTML 7Page - Humirel HTG3535PVBL Datasheet HTML 8Page - Humirel HTG3535PVBL Datasheet HTML 9Page - Humirel HTG3535PVBL Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3500 Series Datasheet / HPC123 Rev B November 2007
10
ORDERING INFORMATION
HTG3XYZ yyy
4
5
1
3
3
5
Frequency
Voltage
(with screw/fatsener capability)
(with PTFE membrane)
3,3V
5V
/
0
PVBL
CFB
!
CH
PVBS
'
4
2
0
Issue Originale
D. LE GALL
August 07
A
Paragraph concerning wiring characterisctics added
D. LE GALL
September 07
B
CTN LUT updated
D. LE GALL
November 07
DISCLAIMER
The information in this sheet has been carefully reviewed and is believed to be accurate; however, no responsability is assumed for inaccuracies. Furthermore, this information does
not convey to the purchaser of semiconductor devices any license under the patent rights to the manufacturer. Humirel reserves the right to make changes without further notice to
any product herein. Humirel makes no warranty, representation of guarantee regarding the suitability of its product for any particular purpose, nor does Humirel assume any liability
arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation consequential or incidental damages. « Typical »
parameters can and do vary in different applications. All operating parameters, including « Typical » must be validated for each customer applications by customer’s technical
experts. Humirel does not convey any license under its patent rights nor the rights of others. Humirel products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other application intended to support or substain life, or for any application in which the failure of the Humirel product could
create a situation where personal injury or death may occur. Should buyer purchase or use Humirel products for any such unintended or unauthorized application. Buyer shall
indemnify and hold Humirel and its officers, employees, subsidiaries, affiliates and distributors harmless against all claims, costs, damages and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if claim alleges that Humirel was negligent
regarding the design or manufacture of the part. Humirel is a registered trade mark of Humirel.


Similar Part No. - HTG3535PVBL

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3535PVBL HUMIREL-HTG3535PVBL Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3535PVBL

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com