Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG3513CFB Datasheet(PDF) 8 Page - Humirel

Part # HTG3513CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3513CFB Datasheet(HTML) 8 Page - Humirel

Back Button HTG3513CFB Datasheet HTML 2Page - Humirel HTG3513CFB Datasheet HTML 3Page - Humirel HTG3513CFB Datasheet HTML 4Page - Humirel HTG3513CFB Datasheet HTML 5Page - Humirel HTG3513CFB Datasheet HTML 6Page - Humirel HTG3513CFB Datasheet HTML 7Page - Humirel HTG3513CFB Datasheet HTML 8Page - Humirel HTG3513CFB Datasheet HTML 9Page - Humirel HTG3513CFB Datasheet HTML 10Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
8
Mechanical Characteristics
HTG Series Package Outline
1 2
314
%,
, 50
'
Package Outline
With CH connector
Color : Black
Weight : 1.5g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
D
24.65 ± 0.25
E
Ø2.5 ± 0.2
F
6.7 ± 0.3
Housing 1 can be fixed with a M2 screw.
2
3 4
%,
- "7
'
Package Outline
with CH connector
Color : Black
Weight : 1.8g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
6.7 ± 0.3
Package Outline
with PVBS connector
(1.65 mm – 0.065 in long)
Color : Black
Weight : 1.8g
6
%
'
A
27 ± 0.25
B
11.9 ± 0.2
C
5.5 ± 0.2
F
8.2 ± 0.5


Similar Part No. - HTG3513CFB

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3513CFB HUMIREL-HTG3513CFB Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3513CFB

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com