Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T410-600T Datasheet(PDF) 8 Page - STMicroelectronics

Part # T410-600T
Description  4A TRIACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T410-600T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button T410-600T Datasheet HTML 2Page - STMicroelectronics T410-600T Datasheet HTML 3Page - STMicroelectronics T410-600T Datasheet HTML 4Page - STMicroelectronics T410-600T Datasheet HTML 5Page - STMicroelectronics T410-600T Datasheet HTML 6Page - STMicroelectronics T410-600T Datasheet HTML 7Page - STMicroelectronics T410-600T Datasheet HTML 8Page - STMicroelectronics T410-600T Datasheet HTML 9Page - STMicroelectronics T410-600T Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
T4 Series
8/10
Figure 15: ISOWATT220AB Package Mechanical Data
Figure 16: IPAK Package Mechanical Data
H
L
L1
G
e
B5
B
V1
D
C
A1
A3
A
C2
B3
L2
E
B2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.630 typ.
L3
28.60
30.60
1.125
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A3
0.70
1.30
0.027
0.051
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
B3
0.95
0.037
B5
0.30
0.035
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.019
0.023
D
6
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
e
2.28
0.090
G
4.40
4.60
0.173
0.181
H
16.10
0.634
L
9
9.40
0.354
0.370
L1
0.8
1.20
0.031
0.047
L2
0.80
1
0.031 0.039
V1
10°
10°


Similar Part No. - T410-600T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600T STMICROELECTRONICS-T410-600T Datasheet
118Kb / 8P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T410-600T JIEJIE-T410-600T Datasheet
662Kb / 6P
   4A TRIACs
logo
Apollo Electron Co., Lt...
T410-600T APOLLOELECTRON-T410-600T Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
STMicroelectronics
T410-600T STMICROELECTRONICS-T410-600T Datasheet
119Kb / 10P
   4A TRIACS
January 2006 REV. 7
T410-600T STMICROELECTRONICS-T410-600T Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results

Similar Description - T410-600T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
   4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
   4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
   4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
   4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
   4A TRIACs
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
   4A TRIACS
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
   4A Triacs
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
   4A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com